Electronic Components Datasheet Search
  English  ▼

X  

TL1220NNGSWN Datasheet(PDF) 1 Page - E-SWITCH

Part # TL1220NNGSWN
Description  TL1220 Series Tact Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL1220NNGSWN Datasheet(HTML) 1 Page - E-SWITCH

  TL1220NNGSWN Datasheet HTML 1Page - E-SWITCH TL1220NNGSWN Datasheet HTML 2Page - E-SWITCH TL1220NNGSWN Datasheet HTML 3Page - E-SWITCH TL1220NNGSWN Datasheet HTML 4Page - E-SWITCH TL1220NNGSWN Datasheet HTML 5Page - E-SWITCH TL1220NNGSWN Datasheet HTML 6Page - E-SWITCH TL1220NNGSWN Datasheet HTML 7Page - E-SWITCH TL1220NNGSWN Datasheet HTML 8Page - E-SWITCH TL1220NNGSWN Datasheet HTML 9Page - E-SWITCH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.e-switch.com
800.867.2717
2
RoHS
Audio / Visual
Computer Peripherals
Consumer Electronics
Instrumentation
Telecommunication
Specifications
Part Number Configurator
Features & Benefits
Applications / Markets
TL1220 Series Tact Switch
Specifications subject to change without notice
• Multiple illuminated cap options
• Single color and bi-color LED options
• Sharp tactile response
Electrical Rating: 50mA @ 12VDC
Life Expectancy: 500,000 cycles
Contact Resistance: 100mΩ @ 1.5 VDC Max. Initial
Insulation Resistance: 100 MΩ Min. at 500VAC
Dielectric Strength: 500VAC for 1 min.
Operating Temperature: -40°C to 85°C
Operating Force: 180 gf ± 50gf
Travel: 0.20mm ± 0.1mm
Contact Arrangement: SPST
TL1220
N - No Graphic
N - No Bezel
B - With Bezel
N - No Button
S1 - 7.5mm sq. short
S2 - 7.5mm sq. tall
S3 - 10x14 rect.*
S4 - 10x19 rect.*
S5 - 12mm sq. *
(W-tran. white only)
S6 - 9.6x13.7 rect.*
(T-tran. green only)
R1 - 7.0mm dia.
R2 - 8.0mm dia.
R3 - 10.0mm dia.
R4 - 13.0mm dia. w/ I/O*
R5 - 8.0mm dia.
(W-tran. white only)****
N - No Button
B - Black
G -Gray
R - Red
S - Silver
W - Translucent
White**
T - Translucent
Green***
Series
Graphic
Bezel
Button
Button
Color
Medical Equipment
N - No Bezel
B - Black
G - Gray
Bezel
Color
N - No LED
R - Red
G - Green
Y - Yellow
B - Blue
W - White
RG - Red-Green
RY - Red-Yellow
RB - Red-Blue
YG - Yellow-Green
YB - Yellow-Blue
GB - Green-Blue
LED
Color
* The S3, S4, S5, S6 and R4 buttons are not available with bezel options.
** W-Translucent white is only available with R5 and S5 buttons
*** T-Translucent green is only available with S6 button
**** R5 is only available with bezel option


Similar Part No. - TL1220NNGSWN

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1220NNBBBN E-SWITCH-TL1220NNBBBN Datasheet
1Mb / 3P
ILLUMINATED TACT SWITCH
TL1220NNBBNN E-SWITCH-TL1220NNBBNN Datasheet
1Mb / 3P
ILLUMINATED TACT SWITCH
TL1220NNBNBN E-SWITCH-TL1220NNBNBN Datasheet
1Mb / 3P
ILLUMINATED TACT SWITCH
TL1220NNBNNN E-SWITCH-TL1220NNBNNN Datasheet
1Mb / 3P
ILLUMINATED TACT SWITCH
TL1220NNNBBN E-SWITCH-TL1220NNNBBN Datasheet
1Mb / 3P
ILLUMINATED TACT SWITCH
More results

Similar Description - TL1220NNGSWN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS6601H ETC1-TS6601H Datasheet
261Kb / 7P
Tact Switch Series (6x6mm)
logo
Adam Technologies, Inc.
SW-A11365 ADAM-TECH-SW-A11365 Datasheet
71Kb / 1P
TACT SWITCH
logo
Suntan Capacitors
TSS-RP-0102 SUNTAN-TSS-RP-0102 Datasheet
186Kb / 1P
TACT SWITCH
TSS-RP-0302 SUNTAN-TSS-RP-0302 Datasheet
151Kb / 1P
TACT SWITCH
logo
E-SWITCH
TL1016 E-SWITCH-TL1016 Datasheet
1Mb / 7P
TL1016 Series Tact Switch
5.4.2022
TL6400 E-SWITCH-TL6400 Datasheet
1Mb / 4P
TL6400 Series Tact Switch
4.15.2022
logo
List of Unclassifed Man...
IT-1102WA8-160G-G ETC-IT-1102WA8-160G-G Datasheet
1Mb / 7P
Tact Switch
logo
E-SWITCH
TL6800 E-SWITCH-TL6800 Datasheet
1Mb / 4P
Tact Switch
TL3275 E-SWITCH-TL3275 Datasheet
1Mb / 4P
TL3275 Series Tact Switch
TL1017 E-SWITCH-TL1017 Datasheet
1Mb / 7P
TL1017 Series Tact Switch
3.15.2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com