Electronic Components Datasheet Search
  English  ▼

X  

CHR2294 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHR2294
Description  25-35GHz Single Side Band Mixer Self biased
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2294 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHR2294 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CHR2294
25-35GHz SSB Mixer
Ref. : DSCHR22946180 - 29 jun 06
3/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical On-wafer Measurements
Bias Conditions :
Vd= 4 V, Id= 55mA
Conversion gain, Image suppression & LO rejection with a 90° IQ combiner
UP Conversion- Supradyne mode- IF =1.2GHz
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
23
24
25
26
27
28
29
30
31
32
33
34
35
36
RF Frequency (GHz)
CL sup (dB)
Img Supp (dBc)
P LO@ RF (dBm)
P 2xLO@ RF (dBm)
UP Conversion- Infradyne mode- IF =1.2GHz
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
22
23
24
25
26
27
28
29
30
31
32
33
34
35
RF Frequency (GHz)
CL sup (dB)
Img Supp (dBc)
P LO@ RF (dBm)
P 2xLO@ RF (dBm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com