Electronic Components Datasheet Search
  English  ▼

X  

CHR2297 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHR2297
Description  36-44GHz Multifunction (MFC) Down-Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2297 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHR2297 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2297 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2297 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2297 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2297 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2297 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHR2297
RoHS COMPLIANT
Ref. : DSCHR22977187 - 06 Jul 07
1/6
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
36-44GHz Multifunction (MFC) Down-Converter
GaAs Monolithic Microwave IC
Description
The CHR2297 is a multifunction chip (MFC)
which integrates a LO buffer amplifier, an IF
amplifier and a single cold FET mixer. It is
usable for down-conversion. It is designed for a
wide range of applications, from military to
commercial
communication
systems. The
backside of the chip is both RF and DC grounds.
This helps to simplify the assembly process.
The circuit is manufactured with a p-HEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
■ Broadband performance : 36-44GHz RF
■ 2.5dB conversion gain
■ 0dBm LO input power
■ +4dBm input power (1dB gain comp.)
■ DC power consumption, 65mA @ 4V
■ Chip size : 1.33 x 1.68 x 0.10 mm
Down converter
RF
LO
IF
Conversion Gain
0
1
2
3
4
5
6
7
8
9
10
34
35
36
37
38
39
40
41
42
43
44
45
46
RF Frequency (GHz)
F_IF= 2GHz
F_IF= 6GHz
Main Characteristics
Tamb. = 25°C
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
36
44
GHz
FLO
LO frequency range
30
39
GHz
FIF
IF frequency range
2
6
GHz
Gc
Conversion Gain
2.5
dB
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09


Similar Part No. - CHR2297

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2297 UMS-CHR2297 Datasheet
116Kb / 6P
36-44GHz Multifunction Down-Converter
CHR2297-98F UMS-CHR2297-98F Datasheet
116Kb / 6P
36-44GHz Multifunction Down-Converter
CHR2297-98F00 UMS-CHR2297-98F00 Datasheet
116Kb / 6P
36-44GHz Multifunction Down-Converter
CHR2297 UMS-CHR2297_10 Datasheet
116Kb / 6P
36-44GHz Multifunction Down-Converter
More results

Similar Description - CHR2297

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2194 UMS-CHA2194 Datasheet
195Kb / 10P
36-44GHz Low Noise Amplifier
CHR2296 UMS-CHR2296 Datasheet
119Kb / 5P
36- 40GHz Integrated Down Converter
CHT4699-99F UMS-CHT4699-99F Datasheet
474Kb / 12P
36-44GHz Variable Attenuator
CHT4699-QDG UMS-CHT4699-QDG Datasheet
475Kb / 12P
36-44GHz Variable Attenuator
CHR2297 UMS-CHR2297_10 Datasheet
116Kb / 6P
36-44GHz Multifunction Down-Converter
CHR2299-99F UMS-CHR2299-99F Datasheet
398Kb / 12P
40-44GHz Down converter
CHR2299-99F UMS-CHR2299-99F_15 Datasheet
409Kb / 12P
40-44GHz Down converter
CHA2194 UMS-CHA2194_15 Datasheet
224Kb / 10P
36-44GHz Low Noise Amplifier
CHT4699-QDG UMS-CHT4699-QDG_15 Datasheet
487Kb / 12P
36-44GHz Variable Attenuator
CHU2299-99F UMS-CHU2299-99F_15 Datasheet
387Kb / 12P
40-44GHz Up converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com