Electronic Components Datasheet Search
  English  ▼

X  

RA1103321 Datasheet(PDF) 1 Page - E-SWITCH

Part # RA1103321
Description  RA1 SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

RA1103321 Datasheet(HTML) 1 Page - E-SWITCH

  RA1103321 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
::a
,i:
Ill
0.830 [21.0]
1·
·1
0.563 [14.3]
(D
Water Protection Option
0.984 [25.0]
� �e.
PVC Cap
0
RA111C1213
Series
Terminal
;:::-
ei.
N"'
"<
0
Panel Cutout
5'
ui
�
1·
0.516 [13.1] ·1
a,
"<
�
0
a,
...
0
� �
"' N
0
...
"' "'
0 0
0
0.472 [12.0]
Illumination Options
LI
□
Full
Signal
Light
Dimensions of Illuminated
Switches May Vary From Above
Body
Actuator
Function
Rating
Color
Color
□□□ □ □ □ □□
Actuator Options
1 i
I
Bi-Color
Customizable
Terminal Options
�
1iI
i�
�!
!!i.
0
� o.047 [1.21•I� o.047 [1.21
b
0.118 [3.0]
Solder
0.083 [2.1]
Standard PCB
Horizontal PCB
�! �1
0.102 [2.6]
.I
➔ii.
o.031 [0.8]
1rJ
0.300 [7.6]
Vertical PCB
�e.
t�
0.114 [2.9]
.If
0.047 [1.2]
Extended PCB
Marking Marking
Color
Type
□□
�
�
N
�
0
t
Wire Leads
L�
�I.o.047[1.21
Wire Wrap
RA113C1100
ACC-P01
Lens
Lens
Lamp
Style
Color
Voltage
□□ □
RA1 - CurvedActuator o - Blank
o - Signal/
0- SignalI 1 - Black o - Illuminated o - None o - None
1
-Full/ 0- Clear 3 - 6V
RA1 C Customizable 1 - 4.8mmTab(")
Actuator
2- Solder(*)
Blank
1
-Off-On(')
Blank
3 -11A125V
2-White 1 - Black
1 - Black
1 -I/OVert.
3 -Almond 2-White
2-White 2- ON/OFF/ONVert.
3 - PCB Pin
3 -On-On
C-16A125V 4 - Grey 3 -Almond
8- Red
3 - ON/OFFVert.
Notes:
H- Horiz. PCB
V-Vert.PCB
A14-WireWrap
EOS - Ex t. PCB
Wxx -Wire Leads
4
-Off-(On)
5
On-Off-On
A
On-(Dfn
C
On-Off-(On)
D
(On)-Off-(On)
(xx inInches)
Not All Combinations are Available, Please Check with
Sales
• = Options Available with Illuminated Switches
9- Red 4 -Grey
5
Orange
7 - Blue
8
Green
9
Red
Bi-Color:
A- Black/ Red
B- Black/White
C-White/ Red
4
-ON/OFF Horiz.
9
1/0/11 Horiz.
s I/O/II Vert.
R
1/0 Horiz.
Custom Colors and Markings Available Upon Request
Signal 1 - Red
4
-12V
2-Amber 6-125V
3 - Green 7 -250V
4- Blue
5 - Yellow
For Illuminated
Switches Only
E•SWITCH ® ----------
FEATURES:
• High Rating
• Snap in with Multiple terminal options
• Many Functions Available
• PVC Cap for Dust and Water Protection
SPECIFICATIONS:
RATING: RATING OPTION C:
16A 125VAC [cULus]
10(6)A 250V~ 1E4 T85 [ENEC]
6(4)A 250V~ 5E4 T85 [ENEC]
Rating Option 3:
11A 125VAC [cULus]
5.5A 250VAC [cULus]
4A 250V~ 1E4 T55 [ENEC]
Ratings of Illuminated Switches May Vary
TEMPERATURE: -20°C to 55°C Min.
ELECTRICAL LIFE: 10,000 Cycles
CoNTACT RESISTANCE: 30mQ Max.
INSULATION RESISTANCE: 500MQ Min. at 500VDC
DIELECTRIC STRENGTH: 1,000VAC for 1 Minute
INGRESS PROTECTION: IP54 with PVC Cap
MATERIALS:
Boov: Polyamide 6/6, UL94 V-2
AcTUATOR: Polyamide 6/6, UL94 V-2
Polycarbonate, UL94 V-2
CoNTAcTs: Silver Alloy
TERMINALS: Silver Plated Copper
RA111C1A00
RA111C1021-116
EXAMPLE PART NUMBERS:
RA11131100
1POff-On
BlackBody/Actuator,No/llarkmg
RA11131121
1POff-On
BlackBody/Actuator, VO 1/ett.
RA111C1100
1POff-On
BlackBody/Actuator,No/llarkmg
RA111C1121
1POff-On
BlackBody/Actuator, VO 1/ett.
RA111C1021-116
1POff-On
Red Ilium. Actuator,BlackBody. VO 1/ett.
RA11331100
1POn-On
BlackBody/Actuator,No/llarkmg
RA11531100
1POn-Off-On
BlackBody/Actuator,NoMarkmg
RA11531122
1POn-Off-On
BlackBody/Actuator, ON/OFF/ON 1/ett.
RA13131100
1POff-On
BlackBody/Actuator,PCB Pins, NoMarking
RA1H331100
1POn-On
BlackBodv/Actuator, RightAngle PCB Pins
800.867.2717
wu
e=0
z
f-­:,
0I
f--
w(.'.)
z<!'.
Iu
0f-­
f-­u
w'
en
:,1/l
1/lz
0
LL
wCL
1/l


Similar Part No. - RA1103321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RA1103 ETC2-RA1103 Datasheet
402Kb / 1P
Nylon-Insulated Fork Terminals
More results

Similar Description - RA1103321

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
logo
ATTEND Technology Inc.
104D-RCA0-RA1 ATTEND-104D-RCA0-RA1 Datasheet
345Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 104D-RCA0-RA1
2014/03/14
115I ATTEND-115I Datasheet
295Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 115I-BEAA-RA1
2014/06/12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com