Electronic Components Datasheet Search
  English  ▼

X  

AFV10700HSR5 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # AFV10700HSR5
Description  RF Power LDMOS Transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFV10700HSR5 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button AFV10700HSR5 Datasheet HTML 3Page - NXP Semiconductors AFV10700HSR5 Datasheet HTML 4Page - NXP Semiconductors AFV10700HSR5 Datasheet HTML 5Page - NXP Semiconductors AFV10700HSR5 Datasheet HTML 6Page - NXP Semiconductors AFV10700HSR5 Datasheet HTML 7Page - NXP Semiconductors AFV10700HSR5 Datasheet HTML 8Page - NXP Semiconductors AFV10700HSR5 Datasheet HTML 9Page - NXP Semiconductors AFV10700HSR5 Datasheet HTML 10Page - NXP Semiconductors AFV10700HSR5 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AFV10700H AFV10700HS
7
RF Device Data
NXP Semiconductors
TYPICAL CHARACTERISTICS – 1030–1090 MHz
REFERENCE CIRCUIT
15
21
Pout, OUTPUT POWER (WATTS) PEAK
Figure 6. Power Gain and Drain Efficiency versus
Output Power – 50 V
400
0
20
19
18
40
30
20
10
Gps
ηD
100
200 300
500
1030 MHz
50
60
70
1090 MHz
600 700
800
1000
15
21
Pout, OUTPUT POWER (WATTS) PEAK
Figure 7. Power Gain and Drain Efficiency versus
Output Power – 52 V
1200
200
20
19
18
40
30
20
10
Gps
ηD
400
600
800
1030 MHz
1090 MHz
50
60
70
17
16
900
17
16
1000
0
1030 MHz
1090 MHz
VDD =50 Vdc,IDQ(A+B) = 100 mA
Pulse Width = 128 μsec, Duty Cycle = 10%
1030 MHz
1090 MHz
VDD =52 Vdc,IDQ(A+B) = 100 mA
Pulse Width = 128 μsec, Duty Cycle = 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com