Electronic Components Datasheet Search
  English  ▼

X  

RCA1913S2ABLKREDNN Datasheet(PDF) 2 Page - E-SWITCH

Part # RCA1913S2ABLKREDNN
Description  RCA1913 Series Rocker Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

RCA1913S2ABLKREDNN Datasheet(HTML) 2 Page - E-SWITCH

  RCA1913S2ABLKREDNN Datasheet HTML 1Page - E-SWITCH RCA1913S2ABLKREDNN Datasheet HTML 2Page - E-SWITCH RCA1913S2ABLKREDNN Datasheet HTML 3Page - E-SWITCH RCA1913S2ABLKREDNN Datasheet HTML 4Page - E-SWITCH RCA1913S2ABLKREDNN Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RCA1913 Series Rocker Switch - Body Dimensions
Quick Connect 0.187” Terminal
Panel Cutout
Schematic
e-switch.com
800.867.2717
2
SHEET OF
1
2
5/20/2025
RCA1913 Catalog Drawing
2
1
3
(x)
13.00 -.00
.15
+
.512 -.000
.006
+
in
[
]
RATINGS
POS. 1
POS. 2
5.9
[.23 in]
3.30
[.130 in]
13.5
[.53 in]
7.5
[.295 in]
7.00
[.276 in]
GASKET
.80
[.031 in]
7.00
[.276 in]
ACTUATOR
15.00
[.59 in]
21.00
[.83 in]
HOUSING
9.80
[.386 in]
12.2
[.48 in]
12.80
[.504 in]
4.75
[.187 in]
1
2
3
PANEL THICKNESS
X +0/-.10
0.75 - 1.25mm
19.20mm
1.25 - 2.00mm
19.40mm
2.00 - 3.00mm
19.80mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com