Electronic Components Datasheet Search
  English  ▼

X  

RCA1913S2ABLKREDWHTN Datasheet(PDF) 1 Page - E-SWITCH

Part # RCA1913S2ABLKREDWHTN
Description  RCA1913 Series Rocker Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

RCA1913S2ABLKREDWHTN Datasheet(HTML) 1 Page - E-SWITCH

  RCA1913S2ABLKREDWHTN Datasheet HTML 1Page - E-SWITCH RCA1913S2ABLKREDWHTN Datasheet HTML 2Page - E-SWITCH RCA1913S2ABLKREDWHTN Datasheet HTML 3Page - E-SWITCH RCA1913S2ABLKREDWHTN Datasheet HTML 4Page - E-SWITCH RCA1913S2ABLKREDWHTN Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features & Benefits
Specifications
RCA1913 Series Rocker Switch
Electrical Rating: 16(8)A, 125/250VAC
10(4)A, 125/250VAC
16A, 30VDC
Electrical Life: 10,000 Cycles
Contact Resistance: 20mΩ Max.
Insulation Resistance: 100MΩ Min. at 500VDC
Dielectric Strength: 1,500VAC for 1 minute
Ingress Protection: Full IP68
Panel Cutout: 19 x 13mm panel cutout
Contact Arrangement: SPST, SPDT
Base Material: Nylon 66 UL94V-2
Actuator: PC/Nylon66 UL94V-2
Operating/Storage Temperature: 0°C to 55°C
SPST and SPDT
19mm x13mm panel cutout
Multiple termination options
Full IP68
UL File Number E194579
ENEC License ENEC-05335-A1
Soldered wire leads (300mm long) optional
Series
Rating
Terminal
Body
Color
RCA1913
A - 16(8)A
125/250VAC~T55
B - 10(4)A
125/250V~T55
C - 16A
30VDC T55
F - Quick Connect - 0.187”
S - Solder
P - PC Pin
R - PC Pin, Right Angle
W - Wire Leads 300mm
BLK - Black
WHT - White
Specifications subject to change without notice 8/25/2025
Part Number Configurator
Actuator
Color
BLK - Black
RED - Red
WHT - White
Marking
Color
N - None
BLK - Black
WHT - White
Marking
Type
N - None
1 - Hi/Lo
2 - On/Off
3 - I/O Vert.
4 - I/O Horz.
5 -
•
e-switch.com
800.867.2717
1
Function
1 - On-Off
2 - On-On
3 - On-Off-On


Similar Part No. - RCA1913S2ABLKREDWHTN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RCA1000 ETC-RCA1000 Datasheet
115Kb / 3P
8 AMPERE SILICON NPN DARLINGTON POWER TRANSISTORS
RCA1001 ETC-RCA1001 Datasheet
115Kb / 3P
8 AMPERE SILICON NPN DARLINGTON POWER TRANSISTORS
logo
Vishay Siliconix
RCA1020-LSE3 VISHAY-RCA1020-LSE3 Datasheet
155Kb / 10P
Sulfur Resistant, Long Side Termination Thick Film Chip Resistors
14-Jun-2021
logo
Switchcraft, Inc.
RCA10RCA SWITCH-RCA10RCA Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA10RCA SWITCH-RCA10RCA Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
More results

Similar Description - RCA1913S2ABLKREDWHTN

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRB049A05BB1 CWIND-GRB049A05BB1 Datasheet
667Kb / 1P
ROCKER SWITCH
GRB136A05BB2 CWIND-GRB136A05BB2 Datasheet
621Kb / 1P
ROCKER SWITCH
GRB263A101RN1D CWIND-GRB263A101RN1D Datasheet
728Kb / 1P
ROCKER SWITCH
GRB263D001NNN CWIND-GRB263D001NNN Datasheet
691Kb / 1P
ROCKER SWITCH
GRB290AL405BBR CWIND-GRB290AL405BBR Datasheet
684Kb / 1P
ROCKER SWITCH
GRB112A802BB CWIND-GRB112A802BB Datasheet
460Kb / 1P
ROCKER SWITCH
logo
C&K Components
SR3 CK-COMPONENTS-SR3 Datasheet
137Kb / 2P
Switch Rocker
logo
CW Industries
GRB214A2NABA1 CWIND-GRB214A2NABA1 Datasheet
53Kb / 1P
ROCKER SWITCH
logo
ZF Friedrichshafen AG
WRG32F2FBBRLN ZFSWITCHES-WRG32F2FBBRLN Datasheet
281Kb / 2P
Rocker Switch
logo
Nihon Kaiheiki Industry...
GW-12LRH NKK-GW-12LRH Datasheet
3Mb / 10P
rocker switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com