Electronic Components Datasheet Search
  English  ▼

X  

FRDM-HB2000ESEVM Datasheet(PDF) 4 Page - NXP Semiconductors

Part # FRDM-HB2000ESEVM
Description  evaluation board
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FRDM-HB2000ESEVM Datasheet(HTML) 4 Page - NXP Semiconductors

  FRDM-HB2000ESEVM Datasheet HTML 1Page - NXP Semiconductors FRDM-HB2000ESEVM Datasheet HTML 2Page - NXP Semiconductors FRDM-HB2000ESEVM Datasheet HTML 3Page - NXP Semiconductors FRDM-HB2000ESEVM Datasheet HTML 4Page - NXP Semiconductors FRDM-HB2000ESEVM Datasheet HTML 5Page - NXP Semiconductors FRDM-HB2000ESEVM Datasheet HTML 6Page - NXP Semiconductors FRDM-HB2000ESEVM Datasheet HTML 7Page - NXP Semiconductors FRDM-HB2000ESEVM Datasheet HTML 8Page - NXP Semiconductors FRDM-HB2000ESEVM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
NXP Semiconductors
KTFRDMHB2000ESEVMUG
FRDM-HB2000ESEVM evaluation board
KTFRDMHB2000ESEVMUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2 — 11 June 2018
4 / 34
3.2 Required equipment
This kit requires the following items:
• 3/16-inch blade screwdriver for connecting the cables
• DC power supply: 5.0 V to 40 V with up to 20 A current handling capability, depending
on motor requirements
• USB standard A (male) to mini-B (male) cable
• Typical loads (brushed DC motor, power resistors, or inductive load with up to 5.0 A
and 28 V operation)
• Function generator (optional)
• FRDM-KL25Z Freedom development platform for serial peripheral interface (SPI)
communication (included in KIT)
• SPIGen software (for using FRDM-KL25Z based SPI Dongle)
3.3 System requirements
The kit requires the following to function properly with the software:
• USB-enabled computer with Windows XP or newer
4 Getting to know the hardware
4.1 Board overview
The FRDM-HB2000ESEVM evaluation kit exercises all the functions of the MC33HB2000
H-Bridge device. Lab equipment or any microcontroller unit (MCU) with general-purpose
input/output (GPIOs) can control the parallel inputs to provide pulse width modulation
(PWM) control to the inputs.
The board can be used with a FRDM-KL25Z board connected to a USB port of a
PC. Configure, control, and monitor the status of MC33HB2000 by using the SPI
communication capabilities of the board.
4.2 Board features
The FRDM-HB2000ESEVM board evaluates the NXP part MC33HB2000, including all
functions. The board features the following:
• Built-in reverse battery protection
• Test points that allow signal probing
• Built-in voltage regulator to supply logic level circuitry
• Current feedback network for real-time load current monitoring by MCU
analog‑to‑digital converter (ADC)
• LEDs to indicate the supply status and the direction of the motor
• Low equivalent series resistance (ESR) capacitor to reduce ripple in the power supply
• Transient voltage suppressor to handle system level transients



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com