Electronic Components Datasheet Search
  English  ▼

X  

FRDM-HB2002ESEVM Datasheet(PDF) 10 Page - NXP Semiconductors

Part # FRDM-HB2002ESEVM
Description  evaluation board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FRDM-HB2002ESEVM Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button FRDM-HB2002ESEVM Datasheet HTML 6Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 7Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 8Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 9Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 10Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 11Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 12Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 13Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
NXP Semiconductors
UM11144
FRDM-HB2002ESEVM evaluation board
UM11144
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 1.0 — 13 September 2018
10 / 27
Name
Signal Jumper
position
Connection
1−2
MOSI control through MCU SPI output J10 pin 8 (SPI_MOSI)
J7
MOSI
2−3
MOSI connected to GND for operation without SPI
1−2
MISO control through MCU SPI output J10 pin 10 (SPI_MISO)
J8
MISO
2−3
MISO not connected (open) for operation without SPI
J11
CFB
1−2
CFB connected to 200 Ω, 0.047 μF sense network (on-board)
1−2
Selected VDD connected to VDDQ pin
J14
VDDQ
2−3
VDDQ pin not connected to on-board VDD supply
1−2
On-board 5.0 V regulator supplies VDD rail
J17
VDD
2−3
FRDM board 3.3 V regulator supplies VDD rail
J18
CFB_R
1−2
CFB sense network connected to MCU ADC input J10 pin 17
(CFB_READ)
J19
FS_B
1−2
FS_B pin connected to the LED, pull-up resistor, and MCU input
through J10 pin 5 (FS_B)
J26
VDD_
REG
1−2
On-board 5.0 V regulator powers FRDM board
J15
EX_IN
open
IN1 and IN2 external inputs
The FRDM-HB2002ESEVM, with a FRDM-KL25Z board (shipped with the kit), can
evaluate the design with a GUI, any MCU with GPIO or with simple lab equipment. A
FRDM-KL25Z compatible GUI and MCU program are available online at the following
link: http://www.nxp.com/FRDM-HB2002ESEVM.
The FRDM-HB2002ESEVM is compatible with any Arduino platform board. However, if a
board other than the FRDM-KL25Z is used, MCU code must be written to work with the
board.
3.5 Input signal definitions
The following input signals control the outputs or functions inside the circuit.
Table 4. Input signal definitions
Input name
Description
DIS
enable/disable signal to activate/3-state the outputs
ENBL
enable/disable signal to activate/3-state the outputs and put the device to
Sleep mode
IN1
logic input to control OUT1
IN2
logic input to control OUT2
MOSI
master output slave input for the SPI
CS_B
chip select bar input for the SPI
SCLK
clock for the SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com