Electronic Components Datasheet Search
  English  ▼

X  

AFP02113C Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AFP02113C
Description  The New Standard of Ultra-compact PLCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFP02113C Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AFP02113C Datasheet HTML 1Page - Panasonic Semiconductor AFP02113C Datasheet HTML 2Page - Panasonic Semiconductor AFP02113C Datasheet HTML 3Page - Panasonic Semiconductor AFP02113C Datasheet HTML 4Page - Panasonic Semiconductor AFP02113C Datasheet HTML 5Page - Panasonic Semiconductor AFP02113C Datasheet HTML 6Page - Panasonic Semiconductor AFP02113C Datasheet HTML 7Page - Panasonic Semiconductor AFP02113C Datasheet HTML 8Page - Panasonic Semiconductor AFP02113C Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Motor
(slave)
Motor
(master)
Inverter
Encoder
High-speed
counter
Pulse output
Conveyor 1
Conveyor 2
POSITIONING
NETWORK
■ PLC link (MEWNET-W0)
■ FP Web-Server2
■ RS485 serial communication
■ RS232C general-purpose serial communications
■ CC-Link slave unit
FP0
CC-Link
slave unit
■ Built-in 4-axis pulse outputs (Transistor output type)
Two sets can simultaneously undergo two-axis linear
interpolation.
No complicated speed calculation or programming is required.
Two-axis linear interpolation is available by using the F175 dedicated
instruction. Two sets such as two X-Y tables, for example, can be
simultaneously controlled.
* The port block has S, R, and G terminals for connection.
Operation display panels can also be connected to the tool port.
* Both the relay output and transistor output types of control unit equipped with an RS232C
port are available.
The control unit has an RS232C port for serial
communications.
The RS232C port allows for direct connection to an operation
display panel or a PC. Also, it facilitates bi-directional data
communications with bar-code readers and other RS232C
devices.
Host computer
(commercially available PC)
Operation display
panel
FP0R
● For connection with an operation display panel or a PC
● For data communications with general-purpose RS232C devices
IMAGECHECKER
Bar-code reader ID card management system
When 17 or more FP series units need to be linked, you can link up to 99 units
by using the Modbus function instead of MEWNET-W0. Since each FP0R unit
can be either a master or a slave, a multi-master link can be created by passing
a token from a user program.
■ Labelers: Stopping the motion at a constant distance from the point where
a label end detection signal is triggered
■ Processing machines: Stopping the motion at a constant distance from
the point where a processing object edge detection
signal is triggered, and cut/drill the object
Compatible with both Modbus master and slave RTU.
The motion can be started without a preset target
value. When a stop signal is input, the target value
is set, and the motion is slowed to a stop.
This feature expands applications for the eco-conscious business field,
and is ideal for the control of air conditioners, temperature, and
electrical power.
FP0R
The FP0R operation status can be monitored
on a Web browser.
The FP0R operation status can be monitored on a
Web browser by connecting FP Web-Server2
and FP0R via RS232C and making required
settings using dedicated software (FP Web
Configurator Tool 2).
Contact data can be shared among up to 16 PLC units, including
FP0R, FPΣ, FP-X, FP2/FP2SH, and a mixture of them, without the
need for programs.
■ Jog positioning control (F171instruction)
FP0R
RS232C
FP Web-Server 2
Ethernet 100BASE-TX
RS485 / 16 stations / 115.2 kbps / 1200 m 3937 ft
Two-axis X-Y table x 2
FP0R
INVERTER
Y0,Y2,Y4,Y6
COM
5 V
Vin
Rin
GND
This unit is compatible with CC-Link, which is an open
network, and capable of reading/writing four-word data
through a maximum of 16 input and 16 output points.
● Up to 99 units can be connected.
FP0R
Connectable
as slaves
CC-Link
Ethernet
Other companies’
PLC as a master
station
Connectable
with FPΣ,
FP-X,
FP2/FP2SH as
well as FP0R
Useful for
The speed can be changed
during the jog operation.
The jog operation (without a preset target value)
is continued until the stop signal is input.
The positioning operation
slows to a stop.
FP Web-Server 2
(AFP0611)
■ I/O link unit
This link unit enables FP0R to serve as a slave
station of MEWNET-F (remote I/O system) and
exchange I/O data from 32 input points and 32
output points with a master station without the need
for programs.
FP0R
RS485 / 32 stations / 500 kbps / 700 m 2296 ft
789
789
MW
Master station with an
FP2 multi-wire link unit
(FP2-MW) mounted
FP0 I/O
link unit
FP0R
FP0 I/O
link unit
FP0-IOL
(AFP0732)
FP0-CCLS
(AFP07943)
FPΣ, FP-X, and FP2/FP2SH can
also be mixed in the network.
Start signal
Stop signal
■ Labelers: Starting the operation at a relatively low acceleration to prevent
tape from breaking
Stopping the operation at high deceleration when detecting the
label end to save the tape
■ Lifts: Optimizing the acceleration and deceleration during ascending and
descending transfers.
Use two FP0R units to control the assembly and transfer sections of a small
machine respectively, connect them via the PLC link, and share one display
The acceleration time and deceleration time can be
individually set.
■ Individual settings for acceleration and deceleration
(available for F171, F172, and F174 instructions)
Individually settable within a range of 30 ms to 32,767 ms
Acceleration time
Deceleration time
■ Speed synchronization of transfer or processing equipment.
The target speed can be changed by an external
signal input during the jog operation or trapezoidal
control operation.
■ Changing the speed
(available for F171 and F172 instructions)
■ Detection of motor rotation speed for encoder feedback control
Pulses input in a specified period by a single
instruction are counted, and the frequency is calculated.
■ Measuring the pulse frequency (F178 instruction)
Setting range: 1 ms to 5,000 ms
The speed can be freely changed until the operation starts to
decelerate to a stop.
■ High-speed counters and pulse outputs
■ Built-in multipoint PWM outputs (4 channels)
Specified period
Ladder programs can be combined to create an
application for counting pulse signals from the encoder
through the high-speed counter input and adjusting the
pulse output frequency based on the count to
synchronize the slave axis speed with the master axis
speed.
In the right-hand figure, the
speed of conveyor 1, which
is inverter-controlled, is
measured based on the
encoder pulse count, and
pulses are output to the
slave motor (for jog
operation) according to the
measured speed in order to
synchronize the speed of
conveyor 2.
The speed can be controlled by
changing the ON width of the PWM
output.
The unit can also serve as an
analog voltage output when a
smoothing capacitor is inserted in
the circuit.
The pulse output port of FP0R can also serve as a PWM output
port. One of the application examples is an analog voltage
output, which can be used for inverter speed control.
RS232C
RS485
1-to-1 link available
Up to 16 units connectable
RS232C / 2 stations / 115.2 kbps /
15 m 49.2 ft
Application examples
Application examples
Management of manufacturing line operations
Master /
Slave
Master /
Slave
Master /
Slave
Token passing
A multi-master link of
up to 99 units can be created.
Master /
Slave
Master /
Slave
Temperature
controller
Eco-POWER METER
PLC
MCU
Useful for
Useful for
Useful for
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com