Electronic Components Datasheet Search
  English  ▼

X  

AFP02223 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AFP02223
Description  The New Standard of Ultra-compact PLCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFP02223 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AFP02223 Datasheet HTML 1Page - Panasonic Semiconductor AFP02223 Datasheet HTML 2Page - Panasonic Semiconductor AFP02223 Datasheet HTML 3Page - Panasonic Semiconductor AFP02223 Datasheet HTML 4Page - Panasonic Semiconductor AFP02223 Datasheet HTML 5Page - Panasonic Semiconductor AFP02223 Datasheet HTML 6Page - Panasonic Semiconductor AFP02223 Datasheet HTML 7Page - Panasonic Semiconductor AFP02223 Datasheet HTML 8Page - Panasonic Semiconductor AFP02223 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Our Mission is to Maximize Customer Benefits with Outstanding Products
Enhancing Advanced Functionality and Performance.
The Answer is
, Superior to Basic Ultra- compact Models.
The control unit is small at 90 mm 3.54 in in height and 25 mm 0.98 in in width.
Even when expanded with three expansion units, the total width only 100 mm 3.94 in.
Equipped with RS485 port
Multi-axis (4-axis) control is available without expansion units.
The built-in 4-axis pulse outputs allow multi-axis motor control
without positioning units or other expansion units.
The ultra-compact space-saving body size facilitates the miniaturization of
target machines, equipment, and control panels.
Battery-less automatic backup of
all data
The F type (FP0R-F32) has a built-in FeRAM, which is a cutting-edge
device that allows the automatic saving of all data without a backup
battery.
●
There is no need to worry about data loss after a long vacation.
●
Battery replacement is no longer necessary when shipping or transfer-
ring the unit overseas.
●
Replacement of equipment and restoration of idle equipment is easy.
●
The unit can be powered off flexibly on weekends or at other
non-operating times, promoting energy saving.
* Based on our research as of July 1, 2011
Only one cable is required
for communications with
the “Control FPWIN Pro”
or "Control FPWIN GR"
programming tool.
Equipped with both
USB 2.0 and RS232C
ports.
I/O points
Min.
10 points
Max.
128 points
Ultra
compact
Space
saving
Economical
Control
unit
Expansion
unit
▲
C14R Control unit
▲
C32T Control unit
3.94 in
2.36 in
0.98 in
100 mm
60 mm
25 mm
Input/Output terminals
Tool ports
The number of I/O points
is expandable up to 128
by adding three expansion
units having 32 I/O points
each to one control unit
equipped with 32 I/O points.
Expansion
unit
Expansion
unit
Expansion
unit
FP0R
Conventional model
Industry’s First *
Smallest in its class *1
Worldwide simultaneous launch of the 3-year warranty
For details, visit the following website:
panasonic-denko.co.jp/ac/e/fasys/warranty
*1 Among compact PLCs with up to 128 I/O points based on our research as of July 1, 2011
*2 C10, C14 or C16 control unit: Program capacity of 16 k steps and data register of 12 k words
50 kHz max. each axis
FP0R
Y0
M
Y2
M
Y4
M
Y6
M
M
M
M
M
Up to 99 units can be connected, expanding applications for
the eco-conscious business field.
The PLC link is available with up to 16 other FP series and
FP0R units.
Large capacity independent
comment memory
Program maintenance and management become easier.
USB tool port provided as
standard equipment
Programming work becomes simpler, easier, and quicker,
improving the production efficiency.
Full-fledged positioning functions
A variety of dedicated instructions enable high-accuracy
positioning.
Large capacity program
Program capacity: 32 k steps *2
Data register: 32 k words *2
Ultra-high speed processing
Ultra-high speed: 80 ns/step (ST instructions)
* Within a range of 0 to 3,000 steps. Processing of the 3,001st and later steps is
580 ns, 1.5 times faster than the conventional model.
Note: Unit expansion increases the base time.
Without expansion units: 0.2 ms or less
With expansion units: 0.2 ms or less + (1 x Number of expansion units) ms
Base scan time:
I/O refresh + base time
Largest in its class *1
NEW
Fastest in its class *1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com