Electronic Components Datasheet Search
  English  ▼

X  

USB-KW41Z Datasheet(PDF) 3 Page - NXP Semiconductors

Part # USB-KW41Z
Description  radio solutions
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

USB-KW41Z Datasheet(HTML) 3 Page - NXP Semiconductors

  USB-KW41Z Datasheet HTML 1Page - NXP Semiconductors USB-KW41Z Datasheet HTML 2Page - NXP Semiconductors USB-KW41Z Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DEVELOPMENT TOOLS
ORDERABLE PART NUMBERS
Board Name
Description
FRDM-KW41Z
Freedom development board for Kinetis® KW41Z MCUs with 2.4 GHz BLE,
generic FSK and 802.15.4 wireless connectivity solutions
USB-KW41Z
USB dongle for sniffer operations for Kinetis KW41Z MCUs with 2.4 GHz BLE,
generic FSK and 802.15.4 wireless connectivity solutions
Part Number
2.4 GHz RF
Compatibility
Flash/RAM
Package
MKW41Z512VHT4
MKW41Z256VHT4
BLE/Generic
FSK/802.15.4
(Supports concurrent
operation)
512 KB/128 KB
256 KB/128 KB
7 x 7 laminate QFN
MKW31Z512VHT4
MKW31Z256VHT4
BLE/Generic FSK
512 KB/128 KB
256 KB/128 KB
7 x 7 laminate QFN
MKW21Z512VHT4
MKW21Z256VHT4
802.15.4
512 KB/128 KB
256 KB/128 KB
7 x 7 laminate QFN
www.nxp.com/wireless
NXP, the NXP logo, and Kinetis are trademarks of NXP B.V. All other product or service names are the property of their respective
owners. ARM and Cortex are registered trademarks of ARM Limited (or its subsidiaries) in the EU and/or elsewhere. All rights
reserved. © 2015–2016 NXP B.V.
Document Number: KNTSKW41Z31Z21ZFS REV 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com