Electronic Components Datasheet Search
  English  ▼

X  

TL4115 Datasheet(PDF) 3 Page - E-SWITCH

Part # TL4115
Description  TL4115 Series Tact Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL4115 Datasheet(HTML) 3 Page - E-SWITCH

  TL4115 Datasheet HTML 1Page - E-SWITCH TL4115 Datasheet HTML 2Page - E-SWITCH TL4115 Datasheet HTML 3Page - E-SWITCH TL4115 Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.e-switch.com
800.867.2717
3
TL4115 Series Tact Switch
Body Dimensions
Tape and Reel
SHEET OF
2
2
4/30/2021
TL4115 Catalog Drawing
12.00
[.472 in]
380.00
[14.961 in]
DRAWING DIRECTION
REEL
LABEL
100.00
[3.937 in]
4.00
[.157 in]
1.75
[.069 in]
.30
[.012 in]
2.40
[.094 in]
8.00
[.315 in]
2.40
[.094 in]
4.70
[.185 in]
5.50
[.217 in]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com