Electronic Components Datasheet Search
  English  ▼

X  

380101 Datasheet(PDF) 4 Page - Wiha Tools

Part # 380101
Description  Ergonomic Wiha SoftFinish® multi-component handle with roll-off protection.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

380101 Datasheet(HTML) 4 Page - Wiha Tools

  380101 Datasheet HTML 1Page - Wiha Tools 380101 Datasheet HTML 2Page - Wiha Tools 380101 Datasheet HTML 3Page - Wiha Tools 380101 Datasheet HTML 4Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
380103
Handle
Ergonomic Wiha SoftFinish® multi-component handle with roll-off protection.
Bit holder
Stainless steel with strong magnet.
Suitable for
DIN 3126, ISO 1173, style D 6.3.
Bits
25 mm Standard bits.
Application
The alternative to a screwdriver set.
Six drive shapes in one screwdriver.
For working in confined spaces.
Order No.
33743
10
Order No.
Quantity
01716
1
T10
25
01717
1
T15
25
01718
1
T20
25
01719
1
T25
25
01721
1
T30
25
01722
1
T40
25
Page 4 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com