Electronic Components Datasheet Search
  English  ▼

X  

01658 Datasheet(PDF) 1 Page - Wiha Tools

Part # 01658
Description  Ergonomic Wiha SoftFinish® multi-component handle with roll-off protection.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01658 Datasheet(HTML) 1 Page - Wiha Tools

  01658 Datasheet HTML 1Page - Wiha Tools 01658 Datasheet HTML 2Page - Wiha Tools 01658 Datasheet HTML 3Page - Wiha Tools 01658 Datasheet HTML 4Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
380101
Handle
Ergonomic Wiha SoftFinish® multi-component handle with roll-off protection.
Bit holder
Stainless steel with strong magnet.
Suitable for
DIN 3126, ISO 1173, style D 6.3.
Bits
25 mm Standard bits.
Application
The alternative to a screwdriver set.
Six drive shapes in one screwdriver.
For working in confined spaces.
Order No.
33736
10
Order No.
Quantity
01623
1
4,5
25
0,6
01626
1
6,5
25
1,2
01627
1
8,0
25
1,6
01657
1
25
PH1
01658
1
25
PH2
01659
1
25
PH3
Page 1 of 4


Similar Part No. - 01658

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
01658 WIHA-01658 Datasheet
12Mb / 40P
LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
logo
Weidmuller
0165860000 WEIDMULLER-0165860000 Datasheet
1Mb / 52P
SAK-series
More results

Similar Description - 01658

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
32641 ETC-32641 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools Ergonomic handle design for high torque
161-12 ETC2-161-12 Datasheet
250Kb / 1P
Wiha Flag Handle and Offset Screwdriver.
33403 ETC2-33403 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools
36442 ETC2-36442 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
logo
PHOENIX CONTACT
CUTFOX-18 PHOENIX-CUTFOX-18 Datasheet
49Kb / 2P
Ergonomic handle design to eliminate fatigue when working
CRIMPFOX-CENTRUS-10H PHOENIX-CRIMPFOX-CENTRUS-10H Datasheet
47Kb / 2P
Ergonomic handle design ensures comfortable, fatigue-free handling
UNIFOX-CE-VDE PHOENIX-UNIFOX-CE-VDE Datasheet
51Kb / 2P
Ergonomic handle design to eliminate fatigue when working
UNIFOX-P-VDE-DB PHOENIX-UNIFOX-P-VDE-DB Datasheet
52Kb / 2P
The tools feature ergonomic two-component safety handles
UNIFOX-WP PHOENIX-UNIFOX-WP Datasheet
45Kb / 2P
Ergonomic handle design to eliminate fatigue when working
UNIFOX-WRENCH PHOENIX-UNIFOX-WRENCH Datasheet
42Kb / 2P
Ergonomic handle design to eliminate fatigue when working
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com