Electronic Components Datasheet Search
  English  ▼

X  

54050 Datasheet(PDF) 1 Page - Wiha Tools

Part # 54050
Description  MagicRing Ball End Hex Metric T-handle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

54050 Datasheet(HTML) 1 Page - Wiha Tools

  54050 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
54
Toll Free: (800) 494-6104 • USA | Toll Free: (800) 494-0096 • CANADA
MagicRing Ball End Hex Metric T-handle
Item No. Description
Case Pack
54040
4.0 x 150mm
10
54050
5.0 x 150mm
10
54060
6.0 x 150mm
10
54080
8.0 x 200mm
10
54086
10.0 x 200mm
10
5 Pc. MagicRing Ball End Hex Metric T-handle
Item No. Description
Case Pack
54090
Screw Holding T-handle Set
3
Metric: 4.0, 5.0, 6.0, 8.0, 10.0mm
Screw Holding
Screw
Holding
6 Pc. MagicRing Ball End Hex Inch T-handle
Item No. Description
Case Pack
54091
Screw Holding T-handle Set
3
In: 5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
Screw
Holding
8 Pc. Ball End Hex Metric Dual Drive T-handle
Item No. Description
Case Pack
54092
Soft Grip T-handle Set
1
Metric: 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
8 Pc. Ball End Hex Inch Dual Drive T-handle
Item No. Description
Case Pack
54094
Soft Grip T-handle Set
1
Inch: 1/8, 9/64, 5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
In Metal
Stand
8 Pc. Ball End Hex Metric Dual Drive T-handle
Item No. Description
Case Pack
54095
Soft Grip T-handle Set
1
Metric: 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
10 Pc. Ball End Hex Inch Dual Drive T-handle
Item No. Description
Case Pack
54097
Soft Grip T-handle Set
1
Inch: 3/32, 7/64, 1/8, 9/64, 5/32, 3/16,
7/32, 1/4, 5/16, 3/8”
No Stand
Ball End Metric Hex L-key
Item No. Description
Case Pack
66904
1.5 x 90mm
10
66908
2.0 x 99mm
10
66912
2.5 x 111mm
10
66918
3.0 x 125mm
10
66922
4.0 x 138mm
10
66926
5.0 x 158mm
10
66930
6.0 x 178mm
10
66937
8.0 x 198mm
10
66938
10.0 x 221mm
10
MagicRing Ball End Metric Hex L-key
Item No. Description
Case Pack
66916
3.0 x 125mm
10
66920
4.0 x 138mm
10
66924
5.0 x 158mm
10
66928
6.0 x 178mm
10
66936
8.0 x 198mm
10
66944
10.0 x 221mm
10
Screw Holding
MagicRing Ball End Inch Hex L-key
Item No. Description
Case Pack
66945
.050 x 2.8” no ring
10
66946
1/16 x 3.1” no ring
10
66947
5/64 x 3.5” no ring
10
66950
3/32 x 3.9” no ring
10
66952
7/64 x 4.3” no ring
10
66953
1/8 x 4.6”
10
66955
9/64 x 5.2”
10
66956
5/32 x 5.7”
10
66959
3/16 x 6.2”
10
66962
7/32 x 6.7”
10
66965
1/4 x 7.3”
10
66968
5/16 x 8.0”
10
66971
3/8 x 8.8”
10
9 Pc. MagicRing Ball End Metric Hex L-key Set
Item No. Description
Case Pack
66990
Screw Holding L-key Set
3
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
Screw Holding
13 Pc. ErgoStar Inch Ball End Hex L-key Set
Item No. Description
Case Pack
66988
Long L-key Set
3
Inch: .050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64, 5/32,
3/16, 7/32, 1/4, 5/16, 3/8”
22Pc. ErgoStar In/MM Ball End Hex L-keys
Item No. Description
Case Pack
66982
Long L-key Set
3
Inch: .050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64, 5/32,
3/16, 7/32, 1/4, 5/16, 3/8”
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
13 Pc. MagicRing Ball End Inch Hex L-key Set
Item No. Description
Case Pack
66991
Screw Holding L-key Set
3
Inch: .050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64,
5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
22 Pc. MagicRing Ball End Hex L-key Set
Item No. Description
Case Pack
66992
Screw Holding L-key Set
3
Inch: .050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64,
5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
2 Pack Inch/Metric Ball End Hex L-key Sets
Item No. Description
Case Pack
66993
Long L-key Sets
3
Inch: .050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64,
5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
9 Pc. Metric Ball End Hex L-key Set
Item No. Description
Case Pack
66994
Long L-key Set
3
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
6 Pc. Metric Ball End Hex L-key Set
Item No. Description
Case Pack
66995
Long L-key Set
3
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0mm
9 Pc. ErgoStar Metric Ball End Hex L-key Set
Item No. Description
Case Pack
66996
Long L-key Set
3
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
Screw Holding
Screw
Holding
11 Pc. Ball End Hex Metric L-key Set
Item No. Description
Case Pack
66998
Ball End Hex Set
3
Hex Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 7.0,
8.0, 9.0, 10.0mm
9 Pc. Metric Ball End Color Coded Hex L-keys
Item No. Description
Case Pack
66980
Color Coded L-key Set
3
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
13 Pc. Inch Ball End Color Coded Hex L-keys
Item No. Description
Case Pack
66981
Color Coded L-key Set
3
Inch: .050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64, 5/32,
3/16, 7/32, 1/4, 5/16, 3/8”


Similar Part No. - 54050

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
54050 OSRAM-54050 Datasheet
40Kb / 2P
Product Information Bulletin Microscope LV Lamps Low Voltage Tungsten Halogen Lamps (Microscope)
logo
Wiha Tools
54050 WIHA-54050 Datasheet
5Mb / 44P
Professional HEX Tools
logo
LEMO Connectors
540500 LEMO-540500 Datasheet
85Kb / 4P
S - Indoor Stepped Insert
540500 LEMO-540500 Datasheet
76Kb / 3P
S - Indoor Stepped Insert
logo
List of Unclassifed Man...
540501MED-0842X ETC2-540501MED-0842X Datasheet
189Kb / 1P
fire alarm markets leading conventional sounder
More results

Similar Description - 54050

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
4560-1 GILWAY-4560-1 Datasheet
56Kb / 1P
T- Lens-End Lamps, T-1 Lens-End Lamps
logo
List of Unclassifed Man...
D00601 ETC1-D00601 Datasheet
30Kb / 1P
Folding Ball End Hex Key Set
32641 ETC-32641 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools Ergonomic handle design for high torque
33403 ETC2-33403 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools
36941 ETC2-36941 Datasheet
269Kb / 1P
Metric Ball End Hex Keys Chrome Finish
36962 ETC2-36962 Datasheet
350Kb / 1P
Metric Ball End Hex Keys Black Finish
481-0095M-GR ETC2-481-0095M-GR Datasheet
76Kb / 2P
Metric Hex Nut
logo
PHOENIX CONTACT
SF-THEX-2-100 PHOENIX-SF-THEX-2-100 Datasheet
44Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 2 x 100 mm, ergonomically shaped handle, matt chrome-plated
SF-THEX-4-150 PHOENIX-SF-THEX-4-150 Datasheet
42Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 4 x 150 mm, ergonomically shaped handle, matt chrome-plated
SF-THEX-8-200 PHOENIX-SF-THEX-8-200 Datasheet
42Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 8 x 200 mm, ergonomically shaped handle, matt chrome-plated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com