Electronic Components Datasheet Search
  English  ▼

X  

76502 Datasheet(PDF) 5 Page - Wiha Tools

Part # 76502
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76502 Datasheet(HTML) 5 Page - Wiha Tools

  76502 Datasheet HTML 1Page - Wiha Tools 76502 Datasheet HTML 2Page - Wiha Tools 76502 Datasheet HTML 3Page - Wiha Tools 76502 Datasheet HTML 4Page - Wiha Tools 76502 Datasheet HTML 5Page - Wiha Tools 76502 Datasheet HTML 6Page - Wiha Tools 76502 Datasheet HTML 7Page - Wiha Tools 76502 Datasheet HTML 8Page - Wiha Tools 76502 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
5
Hex Inch Terminator Impact Bits,
1/4” Power - 10 Bit Pack
Item
No.
Inch
mm
pkg.
76570
1/8
49
10
76571
9/64
49
10
76572
5/32
49
10
76573
3/16
49
10
76574
7/32
49
10
76575
1/4
49
10
Hex Metric Terminator Impact Bits,
1/4” Power - 10 Bit Pack
Item
No.
mm
mm
pkg.
76563
3.0
49
10
76564
4.0
49
10
76565
5.0
49
10
76566
6.0
49
10
Pozidriv® Terminator Impact Bits,
1/4” Power - 10 Bit Pack
Item
No.
Size
mm
pkg.
76548
1
49
10
76549
2
49
10
76550
3
49
10
Terminator Impact Bits,
1/4” Power - 10 Bit Pack
Item
No.
Size
mm
pkg.
76553
T10
49
10
76554
T15
49
10
76555
T20
49
10
76556
T25
49
10
76557
T27
49
10
76558
T30
49
10
76559
T40
49
10
Square Terminator Impact Bits,
1/4” Power - 10 Bit Pack
Item
No.
Size
mm
pkg.
76578
1
49
10
76579
2
49
10
76580
3
49
10
Pozidriv® Terminator Impact Bits,
1/4” Power - 2 Bit Pack
Item
No.
Size
mm
pkg.
76848
1
49
2
76849
2
49
2
76850
3
49
2
Terminator Impact Bits,
1/4” Power - 2 Bit Pack
Item
No.
Size
mm
pkg.
76853
T10
49
2
76854
T15
49
2
76855
T20
49
2
76856
T25
49
2
76857
T27
49
2
76858
T30
49
2
76859
T40
49
2
Square Terminator Impact Bits,
1/4” Power - 2 Bit Pack
Item
No.
Size
mm
pkg.
76878
1
49
2
76879
2
49
2
76880
3
49
2
Hex Inch Terminator Impact Bits,
1/4” Power - 2 Bit Pack
Item
No.
Inch
mm
pkg.
76870
1/8
49
2
76871
9/64
49
2
76872
5/32
49
2
76873
3/16
49
2
76874
7/32
49
2
76875
1/4
49
2
Hex Metric Terminator Impact Bits,
1/4” Power - 2 Bit Pack
Item
No.
mm
mm
pkg.
76863
3.0
49
2
76864
4.0
49
2
76865
5.0
49
2
76866
6.0
49
2
Phillips Terminator Impact Bits,
1/4” Power - 10 Bit Pack
Item
No.
Size
mm
pkg.
76543
1
49
10
76544
2
49
10
76545
3
49
10
Phillips Terminator Impact Bits,
1/4” Power - 2 Bit Pack
Item
No.
Size
mm
pkg.
76843
1
49
2
76844
2
49
2
76845
3
49
2
Wiha Terminator Impact Bits
765
768
765
768
765
768
765
768
765
768
765
768
8 Pc. Bit Buddy Set With
Terminator Impact Insert Bits - 29mm
76891 Set includes the following bits:
Phillips: #2, 3
Square: #2, 3
Torx®: T20, T25, T30
76891
8 Pc. Bit Buddy Set With
Terminator Impact Insert Bits - 29mm
76893 Set includes the following bits:
Hex Inch: 5/32, 3/16, 7/32, 1/4”
Hex Metric: 4, 5, 6mm
76893
8 Pc. Bit Buddy Set With
Terminator Impact Insert Bits - 29mm
76895 Set includes the following bits:
Torx®: T10, T15, T20, T25,
T27, T30, T40
76895
7 Pc. Bit Buddy Set With
Terminator Impact Power Bits- 49mm
76892
Set includes the following bits:
Phillips: #2, 3
Square: #2, 3
Torx®: T20, T25, T30
76892
7 Pc. Bit Buddy Set With
Terminator Impact Power Bits - 49mm
76894 Set includes the following bits:
Hex Inch: 5/32, 3/16, 7/32, 1/4”
Hex Metric: 4, 5, 6mm
76894
7 Pc. Bit Buddy Set With
Terminator Impact Power Bits - 49mm
76896
Set includes the following bits:
Torx®: T10, T15, T20, T25,
T27, T30, T40
76896
Power Bit Buddy Sets
Includes
magnetic
bit holder
Includes magnetic bit holder
Includes magnetic bit holder
Includes magnetic bit holder
8 Pc. Bit Buddy Set With
Terminator Impact Insert Bits - 29mm
76890 Set includes the following bits:
3 Phillips: #2
Square: #2
Torx®: T15, T20, T25
76890
Includes magnetic bit holder
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com