Electronic Components Datasheet Search
  English  ▼

X  

77892 Datasheet(PDF) 7 Page - Wiha Tools

Part # 77892
Description  Wiha SoftFinish Multi-Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

77892 Datasheet(HTML) 7 Page - Wiha Tools

  77892 Datasheet HTML 1Page - Wiha Tools 77892 Datasheet HTML 2Page - Wiha Tools 77892 Datasheet HTML 3Page - Wiha Tools 77892 Datasheet HTML 4Page - Wiha Tools 77892 Datasheet HTML 5Page - Wiha Tools 77892 Datasheet HTML 6Page - Wiha Tools 77892 Datasheet HTML 7Page - Wiha Tools 77892 Datasheet HTML 8Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Conduit Reamer and 6inOne
SoftFinish® Multi-Driver Set
The Wiha Conduit Reamer and 6inOne SoftFinish® Multi-Driver Set provides 7 different
tools with one driver handle. The Conduit Reamer deburrs and smooths 1/2 inch, 3/4 inch,
and 1 inch conduit ends inside and out to protect wire insulation and ensure proper fit for
installation. The Wiha 6inOne insert assembly consists of 4 essential screwdriver and 2 nut
driver tip profiles for efficient tool carry providing fast and easy exchange when needed.
SKU: 77892
Weight (lbs)
.740000
RoHS Compliant Yes
Head Type
slotted, phillips, nut driver
Pieces In Set
5
UPC
084705778921
UNSPSC
27111734
8.5”
1.5625” Width/Depth
Slotted
3/16” | 1/4”
Nut Driver
1/4” | 5/16”
Phillips
#1 | #2
Details
•
Reams 1/2”, 3/4”, and 1” conduit
for smooth edges and proper fit
•
Reams both the inside and outside edges
for consistent efficiency
•
Slotted driver tip shroud for fastener-slip prevention
•
Functional performance specifically designed
for Electrical Metallic Tubing (EMT) Conduit
•
Ergonomic cushion grip handle for comfort and control
•
Parallel flats for roll-off prevention
•
Exact fit precision machined tips for reduced cam-out
Engineered in the
Black Forest Germany
Manufactured in
Monticello Minnesota
1348 Dundas Circle
Monticello Minnesota
| 800.494.6104 | cservice@wihatools.com | www.wihatools.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com