Electronic Components Datasheet Search
  English  ▼

X  

76803 Datasheet(PDF) 52 Page - Wiha Tools

Part # 76803
Description  PROFESSIONAL QUALITY BITS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76803 Datasheet(HTML) 52 Page - Wiha Tools

Back Button 76803 Datasheet HTML 48Page - Wiha Tools 76803 Datasheet HTML 49Page - Wiha Tools 76803 Datasheet HTML 50Page - Wiha Tools 76803 Datasheet HTML 51Page - Wiha Tools 76803 Datasheet HTML 52Page - Wiha Tools 76803 Datasheet HTML 53Page - Wiha Tools 76803 Datasheet HTML 54Page - Wiha Tools 76803 Datasheet HTML 55Page - Wiha Tools 76803 Datasheet HTML 56Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
52
Hex Metric Sockets 1/4” Square drive
socket. Replaceable bit. 1/4” bits CVM steel.
Item
No.
mm
mm
lbs.
71301
1.5
38
.04
71302
2.0
38
.04
71305
2.5
38
.04
71313
3.0
38
.04
71314
4.0
38
.04
71317
5.0
38
.05
71319
6.0
38
.05
71327
8.0
38
.05
71340
10.0 38
.05
713
Hex Metric Sockets 3/8” Square drive
socket. Replaceable bit. 1/4” bits CVM steel.
Item
No.
mm
mm
lbs.
71300
2.0
42
.09
71316
2.5
42
.09
71341
3.0
42
.09
71331
4.0
42
.09
71323
5.0
42
.09
71325
6.0
42
.09
71320
8.0
42
.10
71322
10.0 42
.11
713
Hex Metric Sockets 3/8” Square drive
socket. Replaceable bit. 5/16” bits CVM steel.
Item
No.
mm
mm
lbs.
71332
12.0 75
.22
713
Hex Inch/Metric Bit Sockets
Hex Sockets 1/4
” Square drive
socket. Replaceable bit. 1/4” bits CVM steel.
Item
No.
Inch
mm
lbs.
71371
1/16 38
.05
71370
5/64 38
.05
71372
3/32 38
.05
71374
7/64 38
.05
71376
1/8
38
.05
71378
9/64 38
.05
71380
5/32 38
.05
71382
3/16 38
.05
71384
7/32 38
.05
71386
1/4
38
.05
713
Security Hex Inch Sockets
3/8
” Square drive socket. Replaceable bit.
1/4” bits CVM steel.
Item
No.
Inch
mm
lbs.
76164
5/64 42
.09
76165
3/32 42
.09
76166
7/64 42
.09
76167
1/8
42
.09
76168
9/64 42
.09
76169
5/32 42
.09
76170
3/16 42
.09
76171
7/32 42
.09
76172
1/4
42
.09
761
Hex Sockets 3/8
” Square drive socket.
Replaceable bit. 1/4” bits CVM tool steel.
Item
No.
Inch
mm
lbs.
71375
1/8
42
.09
71377
9/64 42
.09
71379
5/32 42
.09
71381
3/16 42
.09
71383
7/32 42
.09
71385
1/4
42
.09
71388
5/16 42
.10
71390
3/8
42
.10
713
Ball End Hex Inch Sockets
1/4
” Square drive socket. Replaceable bit.
1/4” bits CVM steel.
Item
No.
Inch
mm
lbs.
71761
3/32 38
.05
71762
7/64 38
.05
71763
1/8
38
.05
71764
9/64 38
.05
71765
5/32 38
.05
71766
3/16 38
.05
71767
7/32 38
.05
71768
1/4
38
.05
717
Wiha Ball End Hex Inch &
Metric Bit Sockets
Ball End Hex Metric Sockets
1/4
” Square drive socket. Replaceable bit.
1/4” bits CVM steel.
Item
No.
mm
mm
lbs.
71771
1.5
51
.11
71772
2.0
51
.11
71773
2.5
51
.11
71774
3.0
51
.11
71775
4.0
51
.11
71776
5.0
51
.12
71777
6.0
51
.12
717
Security Hex Metric Sockets
3/8
” Square drive socket. Replaceable bit.
1/4” bits CVM steel.
Item
No.
mm
mm
lbs.
76132
2.0
42
.09
76133
2.5
42
.09
76134
3.0
42
.09
76135
4.0
42
.09
76136
5.0
42
.09
76137
6.0
42
.09
76138
8.0
42
.09
761
Hex To Square 1/4” socket bit adapter.
Item
No.
Size mm
Drive lbs.
72110
1/4” 25
1/4”
.03
72115
1/4” 30
3/8”
.05
721
Tool Shaft
1/4” drive socket power adapter.
Item
No.
Drive mm Drive lbs.
72401
1/4”
100
1/4”
.09
72405
1/4”
50
1/4”
.03
72410
1/4”
100
3/8”
.17
72415
1/4”
50
3/8”
.06
724
Socket Adapters
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com