Electronic Components Datasheet Search
  English  ▼

X  

76807 Datasheet(PDF) 46 Page - Wiha Tools

Part # 76807
Description  PROFESSIONAL QUALITY BITS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76807 Datasheet(HTML) 46 Page - Wiha Tools

Back Button 76807 Datasheet HTML 42Page - Wiha Tools 76807 Datasheet HTML 43Page - Wiha Tools 76807 Datasheet HTML 44Page - Wiha Tools 76807 Datasheet HTML 45Page - Wiha Tools 76807 Datasheet HTML 46Page - Wiha Tools 76807 Datasheet HTML 47Page - Wiha Tools 76807 Datasheet HTML 48Page - Wiha Tools 76807 Datasheet HTML 49Page - Wiha Tools 76807 Datasheet HTML 50Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
46
75982 SYSTEM 4 Hex Inch Micro Bit
Replacement Pack, 10 Pcs.
CVM steel, hardened, on 4 mm hex stock.
Item No.
75982 SYSTEM 4 Micro Bit Set
Hex Inch: .028, .035, .050, 1/16, 5/64,
3/32, 7/64, 1/8, 9/64, 5/32”
lbs. .06
75984 SYSTEM 4 Slotted Micro Bit
Replacement Pack, 10 Pcs.
CVM steel, hardened, on 4 mm hex stock.
Item No.
75984 SYSTEM 4 Micro Bit Set
Slotted: 0.8, 1.2, 1.5, 1.8, 2.0, 2.5,
3.0, 3.5, 4.0mm
lbs. .06
Wiha SYSTEM 4 Micro Bit Replacement Packs
On 4mm Hex Stock
75986 SYSTEM 4 Phillips & Pentalobe
Micro Bit Replacement Pack, 10 Pcs.
CVM steel, hardened, on 4 mm hex stock.
Item No.
75986 SYSTEM 4 Micro Bit Set
Phillips: #000, 00, 0, 1
Pentalobe: PL1, PL2, PL3,
PL4, PL5, PL6
lbs. .06
75987 SYSTEM 4 Slotted & Phillips
Micro Bit Replacement Pack, 10 Pcs.
CVM steel, hardened, on 4 mm hex stock.
Item No.
75987 SYSTEM 4 Micro Bit Set
Slotted: 1.5, 2.0, 2.5, 3.0, 3.5mm
Phillips: #000, 00, 0, 1
lbs. .06
75988 SYSTEM 4
Micro Bit
Replacement Pack, 10 Pcs.
CVM steel, hardened, on 4 mm hex stock.
Item No.
75988 SYSTEM 4 Micro Bit Set
: T1, T2, T3, T4, T5, T6,
T7, T8, T9, T10
lbs. .06
Notes:
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com