| Electronic Components Datasheet Search |
|
36219 Datasheet(PDF) 13 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
36219 Datasheet(HTML) 13 Page - Wiha Tools |
|
13 / 40 page ![]() 13 Wiha “Rust Free” Finish L-keys Long Arm Set, 13 Pc. In ErgoStar Molded Holder Equipped with T5, T6, T7, T8, T9, T10, T15, T20, T25, T27, T30, T40, T45 Item No. lbs. pkg. 1.10 1 Pacified Zinc Chromate Finish 96 hour salt bath tested for best corrosion protection CVM tool steel through hardened and tempered for maximum tool life Wiha T-handle with Wiha T-handles Item No. Size mm Inch mm Inch mm Inch lbs pkg. T9 100 3.9 4.0 5/32 80 3.1 .07 10 T10 100 3.9 4.0 5/32 80 3.1 .07 10 T15 100 3.9 4.0 5/32 80 3.1 .07 10 T15 200 7.9 5.5 7/32 80 3.1 .13 10 T20 100 3.9 4.0 5/32 100 3.9 .10 10 T20 200 7.9 5.5 7/32 100 3.9 .17 10 T25 100 3.9 4.0 5/32 100 3.9 .11 10 T25 200 7.9 5.5 7/32 100 3.9 .17 10 T27 100 3.9 5.5 7/32 100 3.9 .14 10 T27 200 7.9 5.5 7/32 100 3.9 .17 10 T30 100 3.9 7.9 6.0 100 3.9 .14 10 T30 200 7.9 6.0 1/4 100 3.9 .19 10 T40 100 3.9 7.0 9/32 100 3.9 .16 10 T40 200 7.9 7.0 9/32 100 3.9 .23 10 T45 150 5.9 8.0 5/16 120 4.7 .29 10 T50 150 5.9 9.0 3/8 120 4.7 .30 10 T50 250 9.8 9.0 3/8 120 4.7 .45 10 T-handle Set, 7 Pc. In Metal Stand Equiped with T10, T15, T20, T25, T30, T40, T50 Item No. lbs. pkg. 2.65 1 T-handle Set, 7 Pc. Includes T9, T10, T15, T20, T25, T27, T30 Item No. lbs. pkg. 1.24 1 Blade high alloy CVM steel, hardened, hard chrome finish. Wiha T-handle high quality plastic, impact resistant Torx - Blades of CVM tool steel, through hardened durability, hard chrome finish Short and Long Arm In One Powerful Tool Two component soft grip handle Maximum Comfort & Maximum Power Two Tools In One! Through the handle side driver 7 Piece Set Soft Grip T-handles Item No. T10, T15, T20, T25, lbs. T27, T30, T40 1.53 Soft Grip T-handle Item No. Size mm lbs. pkg. T10 100 .08 10 T15 100 .08 10 T20 100 .13 10 T25 150 .16 10 T27 150 .19 10 T30 150 .20 10 T40 150 .24 10 Soft grips are molded on & include through the handle side torque drive T-handle Set, 8 Pc. In Metal Stand Equipped with T9, T10, T15, T20, T25, T27, T30, T40 Item No. lbs. pkg. 3.10 1 Wiha Soft Grip T-handles & Set www.wihatools.com 36693 36693 364 36409 36410 36415 36417 36420 36422 36425 36427 36430 36432 36435 36437 36440 36442 36445 36450 36452 36492 36490 36492 36490 364 36480 36481 36482 36483 36484 36486 36487 36497 36497 36494 36494 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |