Electronic Components Datasheet Search
  English  ▼

X  

32561 Datasheet(PDF) 21 Page - Wiha Tools

Part # 32561
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32561 Datasheet(HTML) 21 Page - Wiha Tools

Back Button 32561 Datasheet HTML 17Page - Wiha Tools 32561 Datasheet HTML 18Page - Wiha Tools 32561 Datasheet HTML 19Page - Wiha Tools 32561 Datasheet HTML 20Page - Wiha Tools 32561 Datasheet HTML 21Page - Wiha Tools 32561 Datasheet HTML 22Page - Wiha Tools 32561 Datasheet HTML 23Page - Wiha Tools 32561 Datasheet HTML 24Page - Wiha Tools 32561 Datasheet HTML 25Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21
TorqueFix Key Wing Handles & Blades
Wiha Insulated
TorqueControl Tools
Wiha Easy Torque Handles
Blades For
TorqueFix Wing Handles
Item
Max
No.
Size
Nm
Inch pkg.
IP6
0.8
3.0
1
IP7
1.3
3.0
1
IP8
2.0
3.0
1
IP9
3.0
3.0
1
IP10 4.5
3.0
1
IP15 6.6
3.0
1
IP20 8.0
3.0
1
IP25 8.0
3.0
1
Blades For
TorqueFix Wing Handles
Item
Max
No.
Size
Nm
Inch pkg.
T6
0.6
3.0
1
T7
0.9
3.0
1
T8
1.3
3.0
1
T9
2.5
3.0
1
T10
3.8
3.0
1
T15
5.5
3.0
1
T20
8.0
3.0
1
T25
8.0
3.0
1
Compact design specially used for hard to
reach screws and confined spaces
CVM steel, through-hardened,
titanium silver blades
easyTorque Screwdriver Handle
With
Blades easyTorque value
pre-set. Release accuracy +/- 10%. Internal
mechanism clicks when torque value has been
attained. Cushion grip comfortable handle for
good power transfer.
Item
Pre-Sets
No.
Size Inch/lbs. Nm lbs. pkg.
T5
4.4
0.5 .24
1
T6
5.3
0.6 .24
1
T7
8.0
0.9 .24
1
T8
10.6
1.2 .25
1
T9
12.4
1.4 .25
1
T10
17.7
2.0 .26
1
T15
26.6
3.0 .26
1
T20
35.4
4.0 .26
1
T25
44.2
5.0 .28
1
* No Calibration Certificates
easyTorque Screwdriver Handle
With
Blades easyTorque value
pre-set. Release accuracy +/- 10%.
Internal mechanism clicks when torque value
has been attained. Cushion grip comfortable
handle for good power transfer.
Item
Pre-Sets
No.
Size Inch/lbs. Nm lbs. pkg.
IP5
4.4
0.5 .24
1
IP6
5.3
0.6 .24
1
IP7
8.0
0.9 .24
1
IP8
10.6
1.2 .25
1
IP9
12.4
1.4 .25
1
IP10 17.7
2.0 .26
1
IP15 26.6
3.0 .26
1
IP20 35.4
4.0 .26
1
IP25 44.2
5.0 .28
1
* No Calibration Certificates
Insulated
SlimLine Blades
High quality CV steel, through hardened.
SlimLine blades have up to 33% narrower
insulation diameter then standard insulated tools.
Item
Slim Max Inch/
No.
Size Dia. Nm
lbs.
lbs.
T8
4.0
1.3
11.5 .02
T9
4.0
1.3
11.5 .02
T10 4.0
3.8
33.6 .02
T15 6.0
5.5
48.7 .02
T20 6.0
5.5
48.7 .02
T25 6.0
5.5
48.7 .02
Insulated TorqueVario-S, With
Window Scale Insulation
up to 1000Volt
EN ISO, BS EN, ASME, VDE, ASTM &
NFPA70E standards, +/- 6% Accuracy. Handle
sizes proportioned to optimize torque range.
Audible and perceptible click when torque
setting has been attained. Includes SlimLine
blade holder.
Item
Range
No.
Inch lbs. Increments mm
5 - 18 .5 In.lbs. 131
10 - 50 2 In.lbs. 138
18 - 62 2 In.lbs. 142
Each TorqueVario handle has unique serial
number and certificate of calibration
Item
Range
No.
Nm
mm
lbs. pkg.
0.5 - 2.0
131
.45
1
1.0 - 5.0
138
.45
1
2.0 - 7.0
142
.72
1
Insulated TorqueVario-S Handle -
In Newton Meter Scale
Includes SlimLine blade holder
TorqueFix Wing Handles
Audible & perceptible click when torque
setting has been attained.
Item
No.
Nm mm Inch pkg. lbs.
0.5
68
2.7
1
.28
0.6
68
2.7
1
.28
0.9
68
2.7
1
.28
1.1
68
2.7
1
.28
1.2
68
2.7
1
.28
1.4
68
2.7
1
.28
2.0
68
2.7
1
.28
2.5
68
2.7
1
.28
3.0
68
2.7
1
.28
3.8
68
2.7
1
.28
4.0
68
2.7
1
.28
EN ISO 6789,
BS EN 26789, ASME
B107.14M
+/- 6% Accuracy
Includes Calibration
Certificate
* Includes
Certificate
* Includes
SlimLine blade
holder #28350
* Requires
SlimLine
Blades
1000Volt
lbs. pkg.
.43 1
.40 1
.69 1
pkg.
1
1
1
1
1
1
www.wihatools.com
287
28750
28751
28752
28740
28741
28742
29232
29233
29234
29236
29237
29239
29242
29243
29244
29246
29247
29248
29249
29252
29253
29254
29255
29256
283
28349
28351
28352
28353
28354
28355
28356
28357
28358
28359
28360
283
283
28374
28375
28376
28377
28378
28379
28380
28381
28382
28383
28384
28385
28386
28387
28388
28389
292
283
28339
28344
28340
28341
28342
28343
292
287



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com