Electronic Components Datasheet Search
  English  ▼

X  

52711 Datasheet(PDF) 33 Page - Wiha Tools

Part # 52711
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

52711 Datasheet(HTML) 33 Page - Wiha Tools

Back Button 52711 Datasheet HTML 29Page - Wiha Tools 52711 Datasheet HTML 30Page - Wiha Tools 52711 Datasheet HTML 31Page - Wiha Tools 52711 Datasheet HTML 32Page - Wiha Tools 52711 Datasheet HTML 33Page - Wiha Tools 52711 Datasheet HTML 34Page - Wiha Tools 52711 Datasheet HTML 35Page - Wiha Tools 52711 Datasheet HTML 36Page - Wiha Tools 52711 Datasheet HTML 37Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
33
Security
Insert Bit Packs,
1
” CVM S2 modified tool steel.
Item
No.
Size
mm lbs.
T7s
25
.03
T8s
25
.03
T9s
25
.03
T10s 25
.03
T15s 25
.03
T20s 25
.03
T25s 25
.03
T27s 25
.03
T30s 25
.03
T40s 25
.03
Wiha Security
Insert Bits and Power Bits
Security
Power Bits, 1/4”
Hex Drive, Length 2.0”/50mm
Item
No.
Size
mm pkg. lbs.
T7s
50
10
.18
T8s
50
10
.18
T9s
50
10
.18
T10s 50
10
.19
T15s 50
10
.19
T20s 50
10
.21
T25s 50
10
.23
T27s 50
10
.23
T30s 50
10
.23
T40s 50
10
.23
T45s 50
10
.33
T50s 50
10
.37
Security
Bits, 1/4”
Item
No.
Size
mm pkg. lbs.
T7s
25
10
.12
T8s
25
10
.12
T9s
25
10
.12
T10s 25
10
.12
T15s 25
10
.12
T20s 25
10
.12
T25s 25
10
.12
T27s 25
10
.13
T30s 25
10
.13
T40s 25
10
.14
Security
Bits, 5/16” 2 Bit Pack
Item
No.
Size
mm
lbs.
T25s
35
.26
T27s
35
.27
T30s
35
.28
T40s
35
.28
T45s
35
.29
T50s
35
.30
T55s
35
.32
T60s
35
.35
5/16”
Security
Power Bit Packs, 2”
Item
No.
Size
mm
lbs.
T7s
50
.07
T8s
50
.07
T9s
50
.07
T10s
50
.07
T15s
50
.07
T20s
50
.07
T25s
50
.07
T27s
50
.07
T30s
50
.07
T40s
50
.07
T45s
50
.07
T50s
50
.07
T55s
50
.07
Security
Torx®
Made in
Germany -
Production
Quality
Highly resistant
to wear and
tear for a
long tool life
Suitable for all applications for both
manual & machine Hardness HRC 59-61
Impact resistant
modified CVM tool
steel, hardened
2 bit
pack
2 bit
pack
2 bit
pack
Security
Power Bits,
1/4” Hex Drive, Length 3.5”/90mm
Item
No.
Size
mm pkg. lbs.
T10s 90
5
.20
T15s 90
5
.20
T20s 90
5
.20
T25s 90
5
.21
T27s 90
5
.21
T30s 90
5
.23
T40s 90
5
.25
Proturn Security
Power Bits
1/4” Hex Drive, Length 3.0”/75mm
Item
No.
Size
mm pkg. lbs.
T10s 75
5
.01
T15s 75
5
.01
T20s 75
5
.01
T25s 75
5
.02
T27s 75
5
.02
T30s 75
5
.03
Made in Taiwan
Security
Bits, 5/16”
Item
No.
Size
mm
pkg. lbs.
T25s 35
10
.26
T27s 35
10
.27
T30s 35
10
.28
T40s 35
10
.28
T45s 35
10
.32
T50s 35
10
.34
T55s 35
10
.52
T60s 35
10
.65
www.wihatools.com
701
705
701
725
725
705
70127
70128
70129
70135
70139
70142
70148
70160
70163
70168
70507
70508
70509
70510
70515
70520
70525
70527
70530
70540
70545
70550
70150
70151
70152
70153
70154
70155
70156
70157
70158
70159
72514
72515
72516
72542
72547
72552
72557
72558
72559
72560
72561
72562
72563
72564
72567
72568
70556
70557
70558
70559
70560
70561
70562
70563
70564
70565
70566
70567
70568
705
70533
70534
70535
70536
70537
70538
70539
745
74566
74568
74570
74572
74574
74576



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com