Electronic Components Datasheet Search
  English  ▼

X  

52716 Datasheet(PDF) 20 Page - Wiha Tools

Part # 52716
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

52716 Datasheet(HTML) 20 Page - Wiha Tools

Back Button 52716 Datasheet HTML 16Page - Wiha Tools 52716 Datasheet HTML 17Page - Wiha Tools 52716 Datasheet HTML 18Page - Wiha Tools 52716 Datasheet HTML 19Page - Wiha Tools 52716 Datasheet HTML 20Page - Wiha Tools 52716 Datasheet HTML 21Page - Wiha Tools 52716 Datasheet HTML 22Page - Wiha Tools 52716 Datasheet HTML 23Page - Wiha Tools 52716 Datasheet HTML 24Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
20
Adjustable TorqueVario With
Direct Reading Scale EN ISO 6789, BS EN
26789, ASME B107.14M. Ergonomic molded
multi-component handle, light and compact.
Handle sizes proportioned to optimize torque
range. Audible and perceptible click when the
torque setting has been attained, automatically
resets for next torque cycle.
Pkg. 1
Item
Range
No.
Inch lbs.
Increments mm
15 - 80(in/oz) 2.5 In.oz. 127
5 - 10
.5 In.lbs. 127
10 - 50
2 In.lbs. 138
Direct Reading Scale
· 28501 +/- 10% (This unit only)*
+/-6% accuracy tolerance
Certificate of calibration
+/-6% accuracy tolerance
Certificate of calibration
Adjustable TorqueVario-S Handle
In Newton Meter Scale EN ISO 6789,
BS EN 26789, ASME B107.14M. Ergo molded
multi-component handle, light & compact.
Handle sizes proportioned to optimize torque
range. Audible & perceptible click when the
torque setting has been attained, automatically
resets for next torque cycle.
Pkg. 1
Item
Newton
No.
Meter Scale Increments mm
0.1 - 0.6Nm .02 Nm
127
0.4 - 1.0Nm .05 Nm
127
0.5 - 2.0Nm .10 Nm
131
0.8 - 5.0Nm .20 Nm
138
2.0 - 7.0Nm .25 Nm
142
* +/- 10% (This unit only)
Interchangeable Blades For
TorqueFix & TorqueVario
tip blades
on narrow 5/32 Hex shafts. High alloy CVM
steel, hardened, satin hard chrome finish.
Item
Max.
No.
Size mm mm lbs. Nm pkg.
T5
175 4.0 .07 0.4 1
T6
175 4.0 .07 0.6 1
T7
175 4.0 .07 0.9 1
T8
175 4.0 .07 1.3 1
T9
175 4.0 .07 2.5 1
T10 175 4.0 .07 3.8 1
T15 175 4.0 .07 5.5 1
T20 175 4.0 .07 8.0 1
T25 175 4.0 .07 8.0 1
Blades For TorqueFix
& TorqueVario
tip blades on
narrow 5/32 Hex shafts. High alloy CVM steel,
hardened, satin hard chrome finish.
Item
Max.
No.
Size mm mm lbs. Nm pkg.
IP5 175 4.0 .07 0.5
1
IP6 175 4.0 .07 0.8
1
IP7 175 4.0 .07 1.3
1
IP8 175 4.0 .07 2.0
1
IP9 175 4.0 .07 3.0
1
IP10 175 4.0 .07 4.5
1
IP15 175 4.0 .07 6.6
1
IP20 175 4.0 .07 8.0
1
IP25 175 4.0 .07 8.0
1
MagicSpring
Blades
For TorqueFix & TorqueVario blades on
narrow 5/32 Hex shafts. High alloy CVM steel,
hardened, satin hard chrome finish.
Item
Max.
No.
Size mm mm lbs. Nm pkg.
T6
175 4.0 .07 0.6
1
T7
175 4.0 .07 0.9
1
T8
175 4.0 .07 1.3
1
T9
175 4.0 .07 2.5
1
T10 175 4.0 .07 3.8
1
T15 175 4.0 .07 5.5
1
T20 175 4.0 .07 8.0
1
T25 175 4.0 .07 8.0
1
MagicSpring
Interchangeable Blades For TorqueFix
& TorqueVario blades on narrow 5/32 Hex
shafts. High alloy CVM steel, hardened, satin
hard chrome finish.
Item
Max.
No.
Size mm mm lbs. Nm pkg.
IP6
175 4.0 .07 0.8
1
IP7
175 4.0 .07 1.3
1
IP8
175 4.0 .07 2.0
1
IP9
175 4.0 .07 3.0
1
IP10 175 4.0 .07 4.5
1
IP15 175 4.0 .07 6.6
1
IP20 175 4.0 .07 8.0
1
IP25 175 4.0 .07 8.0
1
*None of the blades featured on this page will
function in a TorqueVario Insulated Handle
Screw
Holding
Screw
Holding
Molded cushion grip two component handles allow for
maximum achievable torque to be reached with comfort
Precise repeatability!
All TorqueVario tools are
tested and comply with:
• EN ISO 6789
• BS EN 26789
• ASME B107.14M
Wiha TorqueControl Screwdrivers
Each tool has unique serial number
and certificate of calibration
TorqueVario
models include
torque setting
adjustment
tool
and Micro Bit
holder
See 4mm Micro Bits on Page 25
Item
Range
No.
Inch lbs.
Increments
mm
5 - 18
.5 in/lbs.
131
18 - 62
2 In.lbs.
142
Toll Free: (800) 494-6104
285
28501
28502
28506
285
28550
28551
28552
28553
28655
285
28561
28562
28563
28564
28565
28566
28567
28568
28569
285
28571
28572
28573
28574
28575
28576
28577
28578
28579
28512
28527
28528
28529
28530
28531
28532
28533
286
28611
28612
28613
28614
28616
28617
28618
28619
285
28404
28408



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com