Electronic Components Datasheet Search
  English  ▼

X  

LBS33792 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS33792
Description  SAW filter technical specification
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS33792 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS33792 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sichuan Institute of Piezoelectric and Acoustooptic Technology
______________________________________________________________________________________________ 
      P.O.Box 2513 Chongqing China 400060   Tel:86-23-62920684   Fax:62805284   email:sawmkt@sipat.com
U E
LBS 33.792
UE LBS 33.792 MHz SAW filter technical specification
Absolute Maximum Rating
Rating
Value
CW RF power Dissipation
+13dBm
DC Voltage between any 2 pins
30VDC
Operating Temperature
-10 to +50
Electrical Characteristic
Frequency response                       Package
32.8
33
33.2
33.4
33.6
33.8
34
34.2
34.4
34.6
-80
-70
-60
-50
-40
-30
-20
Type performance
Frequency(MHz)
Characteristic
Unit
Minimum
Typical
Maximum
Center Frequency (f0)
MHz
33.762
33.792
33.822
Insertion Loss
dB
19.91
20
Q
197
Ultimate Rejection 
dB
21
24.88
Substrate Material 
ST Qz
Package
LMZ-8
Ambient Temperature
25


Similar Part No. - LBS33792

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS33.792 SIPAT-LBS33.792 Datasheet
52Kb / 1P
SAW filter technical specification
LBS33001 SIPAT-LBS33001 Datasheet
49Kb / 1P
SAW Filter Electrical Characteristic
LBS33001 SIPAT-LBS33001 Datasheet
259Kb / 3P
330MHz SAW Filter 5MHz Bandwidth
More results

Similar Description - LBS33792

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN7601L SIPAT-LBN7601L Datasheet
111Kb / 1P
SAW Filter Technical Specification
LBN11002L SIPAT-LBN11002L Datasheet
122Kb / 1P
SAW filter technical specification
LBN11504L SIPAT-LBN11504L Datasheet
48Kb / 1P
SAW Filter Technical Specification
LBS32201 SIPAT-LBS32201 Datasheet
73Kb / 1P
SAW Filter Technical Specification
SP830 SIPAT-SP830 Datasheet
109Kb / 1P
SAW filter technical specification
SP875 SIPAT-SP875 Datasheet
110Kb / 1P
SAW filter technical specification
UE458 SIPAT-UE458 Datasheet
68Kb / 1P
SAW Filter Technical Specification
LBS33.792 SIPAT-LBS33.792 Datasheet
52Kb / 1P
SAW filter technical specification
LBS67.584 SIPAT-LBS67.584 Datasheet
48Kb / 1P
SAW filter technical specification
LBS84.48 SIPAT-LBS84.48 Datasheet
52Kb / 1P
SAW filter technical specification
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com