Electronic Components Datasheet Search
  English  ▼

X  

33402 Datasheet(PDF) 19 Page - Wiha Tools

Part # 33402
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33402 Datasheet(HTML) 19 Page - Wiha Tools

Back Button 33402 Datasheet HTML 15Page - Wiha Tools 33402 Datasheet HTML 16Page - Wiha Tools 33402 Datasheet HTML 17Page - Wiha Tools 33402 Datasheet HTML 18Page - Wiha Tools 33402 Datasheet HTML 19Page - Wiha Tools 33402 Datasheet HTML 20Page - Wiha Tools 33402 Datasheet HTML 21Page - Wiha Tools 33402 Datasheet HTML 22Page - Wiha Tools 33402 Datasheet HTML 23Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
19
L-key Hex Metric, Short Arm high alloy CVM steel,
hardened, nickel plated. Precision machined, burr free chamfered ends.
Item
No.
mm
mm
Inch
mm
Inch
lbs.
pkg.
35104
1.5
45
1.8
14
.6
.01
10
35108
2.0
49
1.9
16
.6
.01
10
35112
2.5
55
2.2
18
.7
.01
10
35116
3.0
61
2.4
20
.8
.02
10
35120
4.0
68
2.7
25
1.0
.03
10
35124
5.0
78
3.1
28
1.1
.04
10
35128
6.0
88
3.5
32
1.3
.07
10
35132
7.0
92
3.6
34
1.3
.10
10
35136
8.0
97
3.8
36
1.4
.13
10
35140
9.0
103
4.1
38
1.5
.18
10
35144
10.0
109
4.3
40
1.6
.23
10
35145
12.0
122
4.8
45
1.8
.40
1
35175
14.0
137
5.4
56
2.2
.61
1
35177
17.0
156
6.1
63
2.5
1.02 1
35179
19.0
176
6.9
70
2.8
1.40 1
351 Metric
L-key Hex, Short Arm Nickel-plated
Item
No.
Inch
mm
Inch
mm
Inch
lbs.
pkg.
35143
.050
40
1.6
10
.39
.01
10
35146
1/16
46
1.8
14
.55
.01
10
35147
5/64
50
2.0
16
.63
.01
10
35150
3/32
52
2.1
19
.75
.01
10
35152
7/64
54
2.1
19
.75
.01
10
35153
1/8
58
2.3
21
.83
.02
10
35155
9/64
62
2.4
23
.91
.02
10
35156
5/32
68
2.7
25
.99
.02
10
35159
3/16
70
2.8
26
1.0
.04
10
35162
7/32
77
3.1
29
1.2
.05
10
35165
1/4
88
3.5
31
1.2
.08
10
35168
5/16
98
3.9
36
1.4
.13
10
35171
3/8
107
4.2
38
1.5
.20
10
35174
1/2
133
5.2
44
1.7
.46
1
35176
9/16
158
6.2
64
2.5
.64
1
35178
5/8
175
6.9
71
2.8
.85
1
35180
3/4
198
7.8
89
3.5
1.40
1
35191
35192
9 Piece Metric Hex L-key Set, In Plastic Holder
Equipped with 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
lbs. .59
pkg. 1
8 Piece Inch Hex L-key Set, In Plastic Holder
Equipped with 5/64, 3/32, 1/8, 5/32, 3/16, 7/32, 1/4, 5/16”
lbs. .41
pkg. 1
35193 6 Piece Metric Hex L-key Set, In Plastic Holder
Equipped with 1.5, 2.0, 2.5, 3.0, 4.0, 5.0mm
lbs .20
pkg. 1
351 Inch
35194
13 Piece Inch Hex L-key Set, In Plastic Holder
Equipped with .050 - 3/8”
lbs .72
pkg. 1
Nickel-Plated
Short Arm Hex L-keys Nickel Finish
• Ideal for use in clean rooms & other
environments where non-oxidizing
surfaces are specified or required.
Nickel-Plated
• Ideal for use in clean rooms & other
environments where non-oxidizing
surfaces are specified or required.
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com