Electronic Components Datasheet Search
  English  ▼

X  

DSP56301VL80 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # DSP56301VL80
Description  24-Bit Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56301VL80 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button DSP56301VL80 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56301VL80 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56301VL80 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56301VL80 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56301VL80 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56301VL80 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56301VL80 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56301VL80 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56301VL80 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
Enhanced Synchronous Serial Interface 0 (ESSI0)
DSP56301 Technical Data, Rev. 10
Freescale Semiconductor
1-17
SCK0
PC3
Input/Output
Input or Output
Input
Serial Clock
Provides the serial bit rate clock for the ESSI interface for both the transmitter
and receiver in Synchronous modes, or the transmitter only in Asynchronous
modes.
Although an external serial clock can be independent of and asynchronous to
the DSP system clock, it must exceed the minimum clock cycle time of 6 T
(that is, the system clock frequency must be at least three times the external
ESSI clock frequency). The ESSI needs at least three DSP phases inside
each half of the serial clock.
Port C 3
The default configuration following reset is GPIO. For PC3, signal direction is
controlled through PRR0. The signal can be configured as an ESSI signal
SCK0 through PCR0.
This input is 5 V tolerant.
SRD0
PC4
Input/Output
Input or Output
Input
Serial Receive Data
Receives serial data and transfers the data to the ESSI receive shift register.
SRD0 is an input when data is being received.
Port C 4
The default configuration following reset is GPIO. For PC4, signal direction is
controlled through PRR0. The signal can be configured as an ESSI signal
SRD0 through PCR0.
This input is 5 V tolerant.
STD0
PC5
Input/Output
Input or Output
Input
Serial Transmit Data
Transmits data from the serial transmit shift register. STD0 is an output when
data is being transmitted.
Port C 5
The default configuration following reset is GPIO. For PC5, signal direction is
controlled through PRR0. The signal can be configured as an ESSI signal
STD0 through PCR0.
This input is 5 V tolerant.
Table 1-12.
Enhanced Synchronous Serial Interface 0 (ESSI0) (Continued)
Signal Name
Type
State During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com