Electronic Components Datasheet Search
  English  ▼

X  

3WCV2 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 3WCV2
Description  REVISIONS PART NO.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

3WCV2 Datasheet(HTML) 1 Page - Multicomp Pro

  3WCV2 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
Lakshmi 10/9/07
10/9/07
25/9/07
Suresh
G. C
RELEASED
3WCV2
This data sheet and its contents (the "Information") belong to the Premier Farnell Group
(the "Group") or are licensed to it. No licence is granted for the use of it other than for
information purposes in connection with the products to which it relates. No licence
of any intellectual property rights is granted. The Information is subject to change with-
out notice and replaces all data sheets previously supplied. The Information supplied is
believed to be accurate but the Group assumes no responsibility for its accuracy or
completeness, any error in or omission from it or for any use made of it. Users of this
data sheet should check for themselves the Information and the suitability of the prod-
ucts for their purpose and not make any assumptions based on information included or
omitted. Liability for loss or damage resulting from any reliance on the Information or
use of it (including liability resulting from negligence or where the Group was aware of
the possibility of such loss or damage arising) is excluded. This will not operate to limit
or restrict the Group's liability for death or personal injury resulting from its negligence.
SPC MULTICOMP is the registered trademark of the Group. © Premier Farnell plc 2007.
TOLERANCES:
DRAWN BY:
Lakshmi
Suresh
G.Cook
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
3WCV2 - 3 Way Terminal Blue
3WCV2_DWG
M10000620
10/09/07
DATE:
SIZE
SCALE: NTS
U.O.M.: mm
SHEET:
1
OF 1
DWG NO.
ELECTRONIC FILE
REV
A
10/09/07
A
DATE:
25/09/07
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
Specifications:
Maximum Electric Current
:
Maximum Electrical Rating
: 75°C 600 Volts.
Connector Material
: Copper.
Insulation Material
: Vinyl.
Insulation Colour
: 16 - 14 AWG
: Blue.
Wire Range
: 16 - 14 AWG (1.5 - 2.5mm2).
Terminals Surface Treatment
: Tin Plated.
Description
Part Number
Terminal, 3 Way Blue
3WCV2
Part Number Table
AWG
16
14
Ampere
18
30
Dimensions : Millimetres
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk


Similar Part No. - 3WCV2

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
3WCV1 MULTICOMP-3WCV1 Datasheet
27Kb / 1P
REVISIONS PART NO.
25/09/07
3WCV5 MULTICOMP-3WCV5 Datasheet
48Kb / 1P
REVISIONS PART NO.
27/09/07
More results

Similar Description - 3WCV2

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS105KGC ROHM-SCS105KGC Datasheet
114Kb / 2P
Part No. Explanation
logo
Projects Unlimited, Inc...
AI-4228-TF-LW140-R PUI-AI-4228-TF-LW140-R Datasheet
227Kb / 1P
REVISED PART No. AND DIMENSIONS
logo
List of Unclassifed Man...
010004 ETC2-010004 Datasheet
52Kb / 1P
Packaged part Bulk part
150007 ETC2-150007 Datasheet
72Kb / 1P
Packaged part Bulk part
010032 ETC2-010032 Datasheet
53Kb / 1P
Packaged part Bulk part
080007 ETC2-080007 Datasheet
32Kb / 1P
Packaged part Bulk part
logo
Rohm
SCS205KGC ROHM-SCS205KGC Datasheet
114Kb / 2P
Part No. Explanation
logo
Laird Tech Smart Techno...
BTM420 LSTD-BTM420 Datasheet
1Mb / 21P
Changes and Revisions
logo
STMicroelectronics
STM32F10XX8 STMICROELECTRONICS-STM32F10XX8 Datasheet
644Kb / 41P
This errata sheet applies to the revisions
26-Nov-2015
logo
NMB Technologies Corpor...
15038PB NMB-15038PB Datasheet
725Kb / 2P
Legacy Part No. 5915PC Plastic Blades/Standard
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com