Electronic Components Datasheet Search
  English  ▼

X  

CS51411GD8 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS51411GD8
Description  1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51411GD8 Datasheet(HTML) 1 Page - ON Semiconductor

  CS51411GD8 Datasheet HTML 1Page - ON Semiconductor CS51411GD8 Datasheet HTML 2Page - ON Semiconductor CS51411GD8 Datasheet HTML 3Page - ON Semiconductor CS51411GD8 Datasheet HTML 4Page - ON Semiconductor CS51411GD8 Datasheet HTML 5Page - ON Semiconductor CS51411GD8 Datasheet HTML 6Page - ON Semiconductor CS51411GD8 Datasheet HTML 7Page - ON Semiconductor CS51411GD8 Datasheet HTML 8Page - ON Semiconductor CS51411GD8 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2007
September, 2007 - Rev. 18
1
Publication Order Number:
CS51411/D
CS51411, CS51412,
CS51413, CS51414
1.5 A, 260 kHz and 520 kHz,
Low Voltage Buck
Regulators with External
Bias or Synchronization
Capability
The CS5141X products are 1.5 A buck regulator ICs. These devices
are fixed-frequency operating at 260 kHz and 520 kHz. The regulators
use the V2
™ control architecture to provide unmatched transient
response, the best overall regulation and the simplest loop
compensation for today's high-speed logic. These products
accommodate input voltages from 4.5 V to 40 V.
The CS51411 and CS51413 contain synchronization circuitry. The
CS51412 and CS51414 have the option of powering the controller
from an external 3.3 V to 6.0 V supply in order to improve efficiency,
especially in high input voltage, light load conditions.
The on-chip NPN transistor is capable of providing a minimum of
1.5 A of output current, and is biased by an external “boost” capacitor
to ensure saturation, thus minimizing on-chip power dissipation.
Protection circuitry includes thermal shutdown, cycle-by-cycle
current limiting and frequency foldback. The CS51411 and CS51413
are functionally pin-compatible with the LT1375. The CS51412 and
CS51414 are functionally pin-compatible with the LT1376.
Features
• V2 Architecture Provides Ultrafast Transient Response, Improved
Regulation and Simplified Design
• 2.0% Error Amp Reference Voltage Tolerance
• Switch Frequency Decrease of 4:1 in Short Circuit Conditions
Reduces Short Circuit Power Dissipation
• BOOST Lead Allows “Bootstrapped” Operation to Maximize
Efficiency
• Sync Function for Parallel Supply Operation or Noise Minimization
• Shutdown Lead Provides Power-Down Option
• 85 mA Quiescent Current During Power-Down
• Thermal Shutdown
• Soft-Start
• Pin-Compatible with LT1375 and LT1376
• Pb-Free Packages are Available
5141x = Device Code
x = 1, 2, 3 or 4
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
y = E or G
G
= Pb-Free Package
SOIC-8
D SUFFIX
CASE 751
1
8
MARKING DIAGRAMS
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 18 of this data sheet.
http://onsemi.com
5141x
ALYWy
G
1
8
1
18
18-LEAD DFN
MN SUFFIX
CASE 505
CS5141xy
AWLYYWW
G
G
118


Similar Part No. - CS51411GD8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51411GD8 ONSEMI-CS51411GD8 Datasheet
252Kb / 20P
1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51411GD8G ONSEMI-CS51411GD8G Datasheet
252Kb / 20P
1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51411GD8G ONSEMI-CS51411GD8G Datasheet
283Kb / 20P
Low Voltage Buck Regulators
May, 2013 ??Rev. 21
More results

Similar Description - CS51411GD8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51411 ONSEMI-CS51411 Datasheet
489Kb / 16P
1.5A, 260 kHz AND 520 kHz, LOW VOLTAGE BUCK REGULATORS WITH EXTERNAL BIAS OR SYNCHRONIZATION CAPABILITY
September, 2002 ??Rev. 11
NCV8842 ONSEMI-NCV8842 Datasheet
180Kb / 15P
1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV8843 ONSEMI-NCV8843 Datasheet
187Kb / 15P
1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV51411 ONSEMI-NCV51411 Datasheet
182Kb / 16P
1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
CS51411 ONSEMI-CS51411_07 Datasheet
252Kb / 20P
1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
NCP1546 ONSEMI-NCP1546 Datasheet
152Kb / 13P
1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
CS51411 ONSEMI-CS51411_12 Datasheet
290Kb / 20P
1.5 A, 260 kHz and 520 kHz Low Voltage Buck Regulators with External Bias or Synchronization Capability
November, 2012 ??Rev. 20
NCV8842 ONSEMI-NCV8842_11 Datasheet
377Kb / 16P
1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 10
NCV8843 ONSEMI-NCV8843_10 Datasheet
385Kb / 16P
1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 10
NCV51411 ONSEMI-NCV51411 Datasheet
224Kb / 16P
1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com