Electronic Components Datasheet Search
  English  ▼

X  

55-1240. Datasheet(PDF) 1 Page - Multicomp Pro

Part # 55-1240.
Description  8” Polypropylene Cone Woofer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

55-1240. Datasheet(HTML) 1 Page - Multicomp Pro

  55-1240. Datasheet HTML 1Page - Multicomp Pro 55-1240. Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
10/03/22
8” Polypropylene Cone Woofer
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Specifications
Dimensions
: 8″ (205mm)
Impedance
: 8Ω
Input
: Rated 40W, Max. 80W
Free Air Resonance
: 45 ±9Hz
Sensitivity
: 87±2 δB/W/M, 2.83V
Frequency Range
: FO ~ 3500Hz
Sine Wave Test
: 10V
Weight
: 1280 grams
Life Test
: 40W, 8H, EIA white noise
Basket
: Stamped Steel
Dust Cap
: Cloth
Voice Coil
Diameter
: 35.5mm
Length
: 14.5mm
Layer
: 2mm
Former Material
: Aluminium (ASV)
Wire Material
: Copper (SVW)
Cone Paper
Cone Material
: Clear Polypropylene
Surround Material
: Foam
Magnet
Diameter
: 100mm
Height
: 15mm
Material
: Ferrite
Weight
: 377g
Gap(H)
: 6mm
Parameters
DC Resistance
: Re: 5.7Ω
Resonance Frequency
: Fs: 45.6Hz
Maximum Impedance
: Zm: 25.7Ω
Mechanical Q Factor
: Qms: 3.39
Electrical Q Factor
: Qes: 0.993
Total Q Factor
: Qts: 0.768
Linear Displacement
: Xmax: 4.25mm
Moving Mass
: Mms: 22.37g
Equivalent Volume
: Vas: 36.14(1)
Sensitivity
: SPL: 87.3 (δB)
Suspension Compliance : Cms: 0.543mm/N
BL product
: Bl: 6.069 (N/A)
Driver Piston Diameter
: D: 166mm
Voice Coil Inductance
: Le(1K): 1.18mH


Similar Part No. - 55-1240.

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
55-1205 MULTICOMP-55-1205 Datasheet
700Kb / 2P
5.25” Polypropylene Cone Woofer
12/09/23
55-1205. MULTICOMP-55-1205. Datasheet
700Kb / 2P
5.25” Polypropylene Cone Woofer
12/09/23
55-1215 MULTICOMP-55-1215 Datasheet
922Kb / 2P
10’’ Woofer
09/03/22
55-1220 MULTICOMP-55-1220 Datasheet
712Kb / 2P
12” Polypropylene Cone Woofer
10/03/22
55-1250 MULTICOMP-55-1250 Datasheet
689Kb / 2P
10’’ Woofer
09/03/22
More results

Similar Description - 55-1240.

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L333SRC BETLUX-BL-L333SRC Datasheet
72Kb / 3P
Cylindrical, Inverted Cone LED lamp
REV NO: V.2
BL-L334SRC BETLUX-BL-L334SRC Datasheet
72Kb / 3P
Cylindrical, Inverted Cone LED lamp
REV NO: V.2
BL-L532SRC BETLUX-BL-L532SRC Datasheet
71Kb / 3P
Cylindrical, Inverted Cone LED lamp
REV NO: V.2
logo
Glenair, Inc.
380AS099XM08 GLENAIR-380AS099XM08 Datasheet
363Kb / 2P
Composite Cone and Ring Style
380AS100XM08 GLENAIR-380AS100XM08 Datasheet
315Kb / 2P
Composite Cone and Ring Style
logo
List of Unclassifed Man...
ABS-205 ETC1-ABS-205 Datasheet
714Kb / 2P
Speaker - Mylar Cone
logo
CUI INC
CVS-1508 CUI-CVS-1508 Datasheet
1Mb / 4P
plastic frame, mylar cone, plastic case
logo
PUI audio inc.
AS02504PR-N50-R PUIAUDIO-AS02504PR-N50-R Datasheet
616Kb / 5P
Paper cone and rubber surround
AS02804PR-N50-R PUIAUDIO-AS02804PR-N50-R Datasheet
562Kb / 5P
Paper cone and foam surround
logo
Lapp.
52021259 LAPP-52021259 Datasheet
122Kb / 2P
SKINDICHT® SHV SEALING CONE
25.09.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com