Electronic Components Datasheet Search
  English  ▼

X  

76-032 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 76-032
Description  4mm Banana Sockets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

76-032 Datasheet(HTML) 1 Page - Multicomp Pro

  76-032 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
04/03/24
4mm Banana Sockets
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Colour Part Number
4mm Banana Socket, Hook, 36A, 76mm
Red
76-032
Black
76-033
Description
Sprung hook, for connecting 4mm banana tip probe body. General purpose electric and electronic testing by grasping
conductive pins.
Specifications
Electrical Safety
: Very low voltages only: 33V AC / 70V DC, 36A (at +40 °C).
Operating Temperature
: -20°C to +80°C
Materials
: Conductors: Steel, nickel-coated steel, and brass
Weight
: 0.005 kg.
Diagram


Similar Part No. - 76-032

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
76-030 MULTICOMP-76-030 Datasheet
234Kb / 1P
Test Probe Connectors
04/03/24
More results

Similar Description - 76-032

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5934 POMONA-5934 Datasheet
54Kb / 1P
4MM Banana Plug
6387 POMONA-6387 Datasheet
147Kb / 1P
Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
72914 POMONA-72914 Datasheet
119Kb / 1P
4mm Safety Banana Jack to 2mm Banana Plug Adapter
72916 POMONA-72916 Datasheet
129Kb / 1P
4mm Banana Jack to 2mm Banana Jack Adapter
72917 POMONA-72917 Datasheet
70Kb / 1P
4mm Banana Plug to 2mm Sheathed Banana Jack Adapter
logo
List of Unclassifed Man...
BU-26103-0 ETC2-BU-26103-0 Datasheet
210Kb / 1P
Test Probe with 4mm Banana Plug
BU-30211-0 ETC2-BU-30211-0 Datasheet
460Kb / 1P
Spade Terminal to 4mm Banana
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
4mm banana jack to 2mm banana jack adapter
logo
Pomona Electronics
6387-ST-T-0 POMONA-6387-ST-T-0 Datasheet
47Kb / 2P
Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
logo
NTE Electronics
81-BP1R NTE-81-BP1R Datasheet
1Mb / 4P
Binding Post with 4mm Banana Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com