Electronic Components Datasheet Search
  English  ▼

X  

ASFN44790 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ASFN44790
Description  ASFN DC Fans / ASEN AC Fans
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN44790 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ASFN44790 Datasheet HTML 1Page - Panasonic Semiconductor ASFN44790 Datasheet HTML 2Page - Panasonic Semiconductor ASFN44790 Datasheet HTML 3Page - Panasonic Semiconductor ASFN44790 Datasheet HTML 4Page - Panasonic Semiconductor ASFN44790 Datasheet HTML 5Page - Panasonic Semiconductor ASFN44790 Datasheet HTML 6Page - Panasonic Semiconductor ASFN44790 Datasheet HTML 7Page - Panasonic Semiconductor ASFN44790 Datasheet HTML 8Page - Panasonic Semiconductor ASFN44790 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DC Fans
ASFN4
DC Fans 40 x 40 x 10 mm . . . . . . . . . . . . . . . . . . 4
ASFN6
DC Fans 60 x 60 x 25 mm . . . . . . . . . . . . . . . . . . 5
ASFN8
DC Fans 80 x 80 x 25 mm . . . . . . . . . . . . . . . . . . 6
ASFN9
DC Fans 92 x 92 x 25 mm . . . . . . . . . . . . . . . . . . 7
ASFN1
DC Fans 120 x 120 x 25 mm . . . . . . . . . . . . . . . . 8
ASFN1*B DC Fans 120 x 120 x 38 mm . . . . . . . . . . . . . . . . 9
AC Fans
ASEN6
AC Fans 60 x 60 x 30 mm . . . . . . . . . . . . . . . . . .10
ASEN8
AC Fans 80 x 80 x 25 mm . . . . . . . . . . . . . . . . . .11
ASEN8
AC Fans 80 x 80 x 38 mm . . . . . . . . . . . . . . . . . .12
ASEN9
AC Fans 92 x 92 x 25 mm . . . . . . . . . . . . . . . . . .13
ASEN1
AC Fans 120 x 120 x 25 mm . . . . . . . . . . . . . . . .14
ASEN1
AC Fans 120 x 120 x 38 mm . . . . . . . . . . . . . . . .15
ASEN5
AC Fans 150 x 172 x 38 mm . . . . . . . . . . . . . . . .16
Accessories . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .17
Fan lock sensor . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18
Mounting hole dimensions . . . . . . . . . . . . . . . . . . . . . . .19
2
CONTENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com