| Electronic Components Datasheet Search |
|
ASFN94392 Datasheet(PDF) 13 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASFN94392 Datasheet(HTML) 13 Page - Panasonic Semiconductor |
|
13 / 20 page ![]() Features › Dimensions: 92 x 92 x 25mm › 6 rated voltages: 100VAC to 240VAC › Frame: die-cast aluminum › Propeller: reinforced plastic › RoHS-compliant Diagram 92.5 82.5±0.3 3.5 25+1–0.3 25+1–0.3 3.5 3.5 3.5 82.5±0.3 92.5 Connecting cable Faston terminal Air flow Air flow Earth tap M4 (200V class) 300 min 60 40 20 00 0.2 0.4 0.6 0.8 1.0 60Hz 50Hz Air flow (m3/min) Materials used Specifications Operating voltage: ±10% of rated voltage Ambient temperature: Storage: -20°C to +70°C; operation: -10°C to +60°C Ambient humidity: Max. 85% (RH) Temperature rise: Coil: max. 50°C; surface: max. 20°C Breakdown voltage: 1,500V AC for 1min Insulation resistance: Min. 100MΩ (at 500V DC) Vibration resistance: 10 to 55Hz; amplitude 0.75mm; applied for 10min in 3 directions Protection: Impedance protected Lifetime: 50,000 hours Frame: Aluminum alloy Fan blades: Fiberglass-reinforced plastic Bearings: Ball bearings Lead wires: UL3266 and AWG22 Faston terminal: Faston #110 ASEN9 Series 92 x 92 x 25mm Lead wire type Faston terminal type V AC Hz W mA rpm m³/min Pa dB(A) kg ASEN90211 ASEN902519 100 50/60 13.0/10.0 190/150 2,600/ 3,100 0.80/0.98 43.2/60.9 34/39 0.3 ASEN90212 ASEN902529 115 12.0/9.0 170/130 ASEN90214 ASEN902549 200 13.0/10.0 100/80 ASEN90215 ASEN902559 220 100/80 ASEN90216 ASEN902569 230 90/70 ASEN90217 ASEN902579 240 85/65 Accessories ASFN98001 Fan guard 92 x 92mm, 6 rings, UL/CSA ASEN98001 Fan guard 92 x 92mm, 7 rings ASEN98002 Fan cover with filter 13 SERIES ASEN - AC FANS ASEN9 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |