Electronic Components Datasheet Search
  English  ▼

X  

ECWFE2J104 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECWFE2J104
Description  Plastic Film Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFE2J104 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECWFE2J104 Datasheet HTML 1Page - Panasonic Semiconductor ECWFE2J104 Datasheet HTML 2Page - Panasonic Semiconductor ECWFE2J104 Datasheet HTML 3Page - Panasonic Semiconductor ECWFE2J104 Datasheet HTML 4Page - Panasonic Semiconductor ECWFE2J104 Datasheet HTML 5Page - Panasonic Semiconductor ECWFE2J104 Datasheet HTML 6Page - Panasonic Semiconductor ECWFE2J104 Datasheet HTML 7Page - Panasonic Semiconductor ECWFE2J104 Datasheet HTML 8Page - Panasonic Semiconductor ECWFE2J104 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ECWFE series
■ Rated voltage [DC] : 630 V [DC], Capacitance tolerance : ±5 %(J), ± 10 %(K)
*□:Capacitance tolerance code
Note
)Part Number marked with bold is Special Lead space product.
*( ):Suffix for lead crimped
The capacitance of 0.10 μF, 0.15 μF, 0.22 μF, 0.33 μF, 0.47 μF, 1.0 μF, 1.5 μF, 2.2 μF
are "5" or "D"
16.0
23.0
22.5
0.8
0±0.8
12.0
19.0
22.5
0.8
0±0.8
Rating · Dimensions · Quantity
31.0
1.8
300
200
ECWFE2J155P( )
1.5
31.0
11.0
21.0
27.5
0.8
0±0.8
1.75
200
ECWFE2J155Q( )
ECWFE2J225
□( )
2.2
26.0
900
700
0.6
0±0.8
1.3
1.75
300
400
0.6
0±0.8
1.3
1000
1000
900
700
0.6
0±0.8
1.3
1000
1000
0.8
1.75
900
700
0±0.8
0.6
0±0.8
1.3
1000
Straight
Cut lead
ECWFE2J104
□( )
0.10
17.5
5.0
10.5
15.0
Part No.
Dimensions (mm)
Cap.
(μF)
Min. order Q'ty
(PCS)
L
T
H
F
ød
P
Q
1000
1000
0.10
26.0
6.0
13.0
22.5
0.8
0±0.8
ECWFE2J154P( )
ECWFE2J154
□( )
0.15
17.5
6.0
11.5
15.0
ECWFE2J104Q( )
ECWFE2J104P( )
ECWFE2J154Q( )
0.15
26.0
6.0
13.0
22.5
0.8
0±0.8
1.75
ECWFE2J224
□( )
0.22
17.5
7.0
12.5
15.0
ECWFE2J224Q( )
ECWFE2J224P( )
0.22
26.0
6.0
13.0
22.5
800
ECWFE2J334P( )
ECWFE2J334
□( )
0.33
17.5
8.5
14.5
15.0
700
500
ECWFE2J334Q( )
0.33
26.0
7.0
14.0
22.5
0.8
1.75
0±0.8
ECWFE2J474
□( )
0.47
17.5
10.0
15.5
15.0
ECWFE2J474Q( )
ECWFE2J474P( )
0.47
26.0
8.0
15.0
22.5
Should a safety concern arise regarding this product, please be sure to contact us immediately.
03-Apr-23
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
ECWFE2J225Q( )
ECWFE2J225P( )
22.5
0.8
0±0.8
1.8
500
ECWFE2J105
□( )
1.0
26.0
10.0
17.0
2.2
13.0
23.0
27.5
0.8
0±0.8
1.75
ECWFE2J105P( )
1.0
600
15.0
0.6
0±0.8
1.3
600
ECWFE2J684
□( )
0.68
17.5
11.0
17.5
1.8
31.0
9.0
19.0
27.5
0.8
0±0.8
1.75
ECWFE2J105Q( )
ECWFE2J155
□( )
1.5
26.0
400
0.6
0±0.8
1.3
1000
600
1.75
0.8
0±0.8
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com