Electronic Components Datasheet Search
  English  ▼

X  

ASFN16B72 Datasheet(PDF) 14 Page - Panasonic Semiconductor

Part # ASFN16B72
Description  ASFN DC Fans / ASEN AC Fans
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN16B72 Datasheet(HTML) 14 Page - Panasonic Semiconductor

Back Button ASFN16B72 Datasheet HTML 10Page - Panasonic Semiconductor ASFN16B72 Datasheet HTML 11Page - Panasonic Semiconductor ASFN16B72 Datasheet HTML 12Page - Panasonic Semiconductor ASFN16B72 Datasheet HTML 13Page - Panasonic Semiconductor ASFN16B72 Datasheet HTML 14Page - Panasonic Semiconductor ASFN16B72 Datasheet HTML 15Page - Panasonic Semiconductor ASFN16B72 Datasheet HTML 16Page - Panasonic Semiconductor ASFN16B72 Datasheet HTML 17Page - Panasonic Semiconductor ASFN16B72 Datasheet HTML 18Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Features
› Dimensions: 120 x 120 x 25mm
› 6 rated voltages: 100VAC to 240VAC
› Frame: die-cast aluminum
› Propeller: reinforced plastic
› RoHS-compliant
Diagram
105±0.3
119
3.5
25.5±0.5
25.5±0.5
3.5
3.5
3.5
105±0.3
119
Air flow
Air flow
Connecting cable
Faston terminal
Earth tap M4
(200V class)
300 min
8-4.3
dia.
60
40
20
0
0.7
1.5
2.25
60Hz
50Hz
Air flow (m3/min)
Materials used
Specifications
Operating voltage:
±10% of rated voltage
Ambient temperature:
Storage: -20°C to +70°C; operation: -10°C to +60°C
Ambient humidity:
Max. 85% (RH)
Temperature rise:
Coil: max. 50°C; surface: max. 20°C
Breakdown voltage:
1,500V AC for 1min
Insulation resistance:
Min. 100MΩ (at 500V DC)
Vibration resistance:
10 to 55Hz; amplitude 0.75mm; applied for 10min in 3 directions
Protection:
Impedance protected
Lifetime:
50,000 hours
Frame: Aluminum alloy
Fan blades: Fiberglass-reinforced plastic
Bearings: Ball bearings
Lead wires: UL3266 and AWG22
Faston terminal: Faston #110
ASEN1 Series
120 x 120 x 25mm
Lead wire type
Faston terminal
type
V AC
Hz
W
mA
rpm
m³/min
Pa
dB(A)
kg
ASEN10211
ASEN102519
100
50/60
14.0/11.0
220/180
2,300/
2,700
1.8/2.0
41.2/41.2
34/38
0.36
ASEN10212
ASEN102529
115
190/160
ASEN10214
ASEN102549
200
110/90
ASEN10215
ASEN102559
220
100/80
ASEN10216
ASEN102569
230
100/90
ASEN10217
ASEN102579
240
15.0/13.0
100/80
Accessories
ASFN18001
Fan guard 120 x 120mm, 6 rings, UL/CSA
ASEN18001
Fan guard 120 x 120mm, 7 rings
ASEN18002
Fan cover with filter
14
SERIES ASEN - AC FANS
ASEN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com