Electronic Components Datasheet Search
  English  ▼

X  

ASFN14B91 Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # ASFN14B91
Description  ASFN DC Fans / ASEN AC Fans
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN14B91 Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button ASFN14B91 Datasheet HTML 7Page - Panasonic Semiconductor ASFN14B91 Datasheet HTML 8Page - Panasonic Semiconductor ASFN14B91 Datasheet HTML 9Page - Panasonic Semiconductor ASFN14B91 Datasheet HTML 10Page - Panasonic Semiconductor ASFN14B91 Datasheet HTML 11Page - Panasonic Semiconductor ASFN14B91 Datasheet HTML 12Page - Panasonic Semiconductor ASFN14B91 Datasheet HTML 13Page - Panasonic Semiconductor ASFN14B91 Datasheet HTML 14Page - Panasonic Semiconductor ASFN14B91 Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Features
› Dimensions: 80 x 80 x 25mm
› Rated voltages: 100VAC, 115VAC
› Frame: die-cast aluminum
› Propeller: reinforced plastic
› RoHS-compliant
Diagram
25±0,5
80±0,5
71,5±0,3
80±0,5
71,5±0,3
Airflow
300min
60
40
20
0
60Hz
50Hz
60
40
20
0
0.2
0.4
0.6
0.8
1.0
Air flow (m3/min)
Materials used
Specifications
Frame: Aluminum alloy
Fan blades: Fiberglass-reinforced plastic
Bearings: Ball bearings
Lead wires: UL3266 and AWG22
ASEN8 Series
80 x 80 x 25mm
V AC
Hz
W
mA
rpm
m³/min
Pa
dB(A)
kg
ASEN80211
100
50/60
6/5
90/80
2,400/2,750 44.4/51.0
37.5/43.0
28/33
0.22
ASEN80212
115
80/70
ASEN80214
200
7/6
60/50
2,500/3,000 34.2/40.8
39.0/55.0
24/31
0.24
ASEN80215
220
7.6/6.5
55/45
ASEN80216
230
50/45
ASEN80217
240
50/45
Accessories
ASFN88001
Fan guard 80 x 80mm, 5 rings, UL/CSA
ASEN88001
Fan guard 80 x 80mm, 5 rings
ASEN88002
Fan cover with filter
Operating voltage:
±10% of rated voltage
Ambient temperature:
Storage: -20°C to +70°C; operation: -10°C to +60°C
Ambient humidity:
Max. 85% (RH)
Temperature rise:
Coil: max. 50°C; surface: max. 20°C
Breakdown voltage:
1,500V AC for 1min
Insulation resistance:
Min. 100MΩ (at 500V DC)
Vibration resistance:
10 to 55Hz; amplitude 0.75mm; applied for 10min in 3 directions
Protection:
Impedance protected
Lifetime:
50,000 hours
11
SERIES ASEN - AC FANS
ASEN8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com