Electronic Components Datasheet Search
  English  ▼

X  

ASFN16B92 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ASFN16B92
Description  ASFN DC Fans / ASEN AC Fans
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN16B92 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ASFN16B92 Datasheet HTML 6Page - Panasonic Semiconductor ASFN16B92 Datasheet HTML 7Page - Panasonic Semiconductor ASFN16B92 Datasheet HTML 8Page - Panasonic Semiconductor ASFN16B92 Datasheet HTML 9Page - Panasonic Semiconductor ASFN16B92 Datasheet HTML 10Page - Panasonic Semiconductor ASFN16B92 Datasheet HTML 11Page - Panasonic Semiconductor ASFN16B92 Datasheet HTML 12Page - Panasonic Semiconductor ASFN16B92 Datasheet HTML 13Page - Panasonic Semiconductor ASFN16B92 Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Features
› Dimensions: 60 x 60 x 30mm
› Rated voltages: 100VAC, 115VAC
› Frame: die-cast aluminum
› Propeller: reinforced plastic
› RoHS-compliant
Diagram
30±0.5
3.5
3.5
50±0.3
60±0.5
50±0.3
60±0.5
8-4.3
dia.
300 min
Air flow
ASEN6 Series
60 x 60 x 30mm
V AC
Hz
W
mA
rpm
m³/min
Pa
dB(A)
kg
ASEN60511
100
50/60
6/5
80/70
2,000/2,600 0.2/0.26
13.7/22.6
28/29
0.14
ASEN60512
115
50/60
4.5/4
70/60
Accessories
ASFN68001
Fan guard 60 x 60mm, 4 rings, UL/CSA
ASEN68002
Fan cover with filter
30
20
10
0
0.1
60Hz
50Hz
0.2 0.3
Air flow (m3/min)
0.1
60Hz
50Hz
0.2 0.3
Air flow (m3/min)
Materials used
Specifications
Frame: Aluminum alloy
Fan blades: Fiberglass-reinforced plastic
Bearings: Ball bearings
Lead wires: UL3266 and AWG22
Operating voltage:
±10% of rated voltage
Ambient temperature:
Storage: -20°C to +70°C; operation: -10°C to +60°C
Ambient humidity:
Max. 85% (RH)
Temperature rise:
Coil: max. 50°C; surface: max. 20°C
Breakdown voltage:
1,500V AC for 1min
Insulation resistance:
Min. 100MΩ (at 500V DC)
Vibration resistance:
10 to 55Hz; amplitude 0.75mm; applied for 10min in 3 directions
Fan blockage:
No coil burnout after 72-hour blockage at nominal voltage
Protection:
Impedance protected
Lifetime:
50,000 hours
10
SERIES ASEN - AC FANS
ASEN6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com