Electronic Components Datasheet Search
  English  ▼

X  

LTC4331CUFD#PBF Datasheet(PDF) 21 Page - Analog Devices

Part # LTC4331CUFD#PBF
Description  I²C Slave Device Extender Over Rugged Differential Link
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331CUFD#PBF Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC4331CUFD#PBF Datasheet HTML 17Page - Analog Devices LTC4331CUFD#PBF Datasheet HTML 18Page - Analog Devices LTC4331CUFD#PBF Datasheet HTML 19Page - Analog Devices LTC4331CUFD#PBF Datasheet HTML 20Page - Analog Devices LTC4331CUFD#PBF Datasheet HTML 21Page - Analog Devices LTC4331CUFD#PBF Datasheet HTML 22Page - Analog Devices LTC4331CUFD#PBF Datasheet HTML 23Page - Analog Devices LTC4331CUFD#PBF Datasheet HTML 24Page - Analog Devices LTC4331CUFD#PBF Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
LTC4331
21
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
PCB Layout
A ground plane layout is recommended. A 4.7μF bypass
capacitor should be placed no more than 7mm away from
the VCC pin. The PC board traces connected to signals A
and B should be symmetrical and as short as possible to
maintain good differential signal integrity. Route the dif-
ferential signals A and B as an edge coupled microstrip
with a differential impedance approximately matching the
cable impedance.
Link Termination and Biasing
To minimize the transmission line reflections over the
link, a termination resistor should be connected between
pins A and B at each node. Each resistor’s value should
closely match the characteristic impedance of the differ-
ential cable to reduce reflections.
A bias resistor network should also be inserted at each
node to maintain the idle state during link turnaround
when all drivers are momentarily disabled. See Figure 20.
For DC-coupled (non-isolated) link applications, select RB
and RT2 such that 200Ω ≤ RB ≤ 620Ω and 100Ω ≤ RT2
≤ 110Ω.
Isolation
Galvanically isolating the link is supported with the
LTC4331 allowing applications with safety requirements
or applications with independent ground potentials. A bias
network along with termination resistors must be used
EVENT (W0C): Events Are Set by the System and Cleared by the User
FIELD
DESCRIPTION
LINK_GOOD
The local and remote I2C networks are connected.
LINK_LOST
The local and remote I2C networks have lost link communication.
FAULT
Set if any field in the FAULT register is set by the system. Clearing this bit clears all bits in the FAULT register.
ALERT_EN (RW): Asserts ALERT if Corresponding EVENT Bit Is Set
FAULT (RO): If the FAULT EVENT Bit Is Set, at Least One of the Following Bits Is Set.
To Clear, Clear the FAULT Event Bit
FIELD
DESCRIPTION
I2C_WRITE_FAULT
An incomplete write transaction after the internal address byte or PEC error detected.
LINK_FAULT
Link communication corruption detected.
EXT_I2C_FAULT
A fault, or stuck bus recovery occurred on the remote I2C bus.
TX_BUF_OVERFLOW The transmit buffer overflowed, I2C events lost.
SCRATCH (RW)
FIELD
DESCRIPTION
SCRATCH
Used to test read/write access to the control interface.
ADDR_TRANS (RW)
FIELD
DESCRIPTION
I2C_TRANS
Incoming 7-bit I2C addresses are translated to the remote network by: AddressOUT = I2C_TRANS XOR AddressIN
CTRL (RW)
FIELD
DESCRIPTION
SW_CTRL
Sets the output value of the remote CTRL pin when CTRL_SEL is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com