Electronic Components Datasheet Search
  English  ▼

X  

A1007 Datasheet(PDF) 1 Page - HAKKO Corporation

Part # A1007
Description  Repair System
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAKKO [HAKKO Corporation]
Direct Link  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

A1007 Datasheet(HTML) 1 Page - HAKKO Corporation

  A1007 Datasheet HTML 1Page - HAKKO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Repair System
Rework System
Compact design for minimum use of bench space,
incorporating : two soldering irons.
desoldering gun.
handpiece for hot-air SMD rework.
Replacement tip/nozzle are available from Hakko's
well-known series.
ESD safe by design.
The all-in-one systems for soldering and deso-
ldering.
ESD safe by design.
Compact design for minimum use of bench
space.
Replacement Nozzles
Replacement Tips
Please refer to page 23 (for M-Type iron).
Part No.
A1002
A1003
A
0.8
1.0
B
1.8
2.0
A1004
A1005
A1006
A1007
0.8
1.0
1.3
1.6
2.3
2.5
3.0
3.0
A
B
A
B
Specifications
Packing List
Soldering
Desoldering
Dimensions
Weight (w/o cord)
Output Voltage
Temperature Range
Output Voltage
Vacuum Generator
Vacuum Pressure
Motor Output
Temperature Range
Suction Flow
AC 24V
200-480
°C
AC 24V
Double Cylinder Type
80kPa (600mmHg)
12W
380-480
°C
15 /min
Station
Model No.
Power Consumption
701
150W
Model No.
Power Consumption
Standard Tip
Tip to Ground Resistance
Tip to Ground Potential
Heating Element
Total Length (w/o cord)
Weight (w/o cord)
907-ESD
50W (24V)
900M-T-B (Shape-B)
< 2
Ω
< 2mV
Ceramic Heater
190mm
44g
Soldering Iron
Model No.
Power Consumption
Standard Nozzle
Heating Element
Dimensions
Weight (w/o cord)
Model Name
HAKKO 701
Contents
Station
Soldering iron (907-ESD)
Desoldering gun (809)
Filter pipe
Cleaning pin for ø1.0mm nozzle
Cleaning pin for heating element
Cleaning drill for ø1.0mm nozzle
Ceramic paper filter (S)
Ceramic paper filter (L)
Spring filter
Silicone grease
Wrench
Iron holder for soldering iron (No.C1142)
Iron holder for desoldering gun (No.631-06)
809
50W (24V)
A1003 (ø1.0mm S Type)
Ceramic Heater
135(W) x 174(H)mm
200g
Desoldering Gun
190(W) x 130(H) x 250(D)mm
5kg
Specifications
Soldering
Desoldering
SMD Rework
Dimensions
Weight (w/o cord)
Output Voltage
Temperature Range
Output Voltage
Vacuum Generator
Vacuum Pressure
Suction Flow
Temperature Range
Input Voltage
Pump
Capacity
Temperature Range
AC 24V
200-480
°C
AC 24V
Double Cylinder Type
80kPa (600mmHg)
15 /min
380-480
°C
AC 100, 110, 220-240V
Diaphragm Pump
23 /min (Max.)
100-420
°C (Use A1126B)
Station
Model No.
Power Consumption
702B
500W
Model No.
Power Consumption
Tip to Ground Resistance
Tip to Ground Potential
Heating Element
Standard Tip
Cord
Total Length (w/o cord)
Weight (w/o cord)
Soldering Iron
Model No.
Power Consumption
Nozzle to Ground Resistance
Nozzle to Ground Potential
Standard Nozzle
Dimensions
Weight (w/o cord & hose)
809
50W (24V)
< 2
Ω
< 2mV
A1003 (ø1.0mm S Type)
135(W) x 174(H)mm
200g
Desoldering Gun
Power Consumption
Total Length (w/o cord)
Weight (w/o hose)
250W
196mm
120g
Handpiece for SM D Rework
360(W) x 266(H) x 150(D)mm
10kg
Replacement Tips and Nozzles
Soldering iron: Please refer to page 23.
Desoldering gun: Please refer to page 45.
Handpiece for SMD Rework: Please refer to page 50-51.
Packing List
Model Name
HAKKO 702B
Contents
Station
Soldering iron (900S-ESD, 907-ESD)
Desoldering gun (809)
Handpiece for SMD rework
Iron holder for soldering iron
(No.C1141, No.C1142)
Iron holder for desoldering gun (No.631-06)
Handpiece holder
Nozzle tray
Filter pipe
Cleaning pin for ø1.0mm nozzle
Cleaning pin for heating element
Cleaning drill for ø1.0mm nozzle
Ceramic paper filter (S)
Ceramic paper filter (L)
Spring filter
Silicone grease
Wrench
FP pick-up
FP pick-up wire (S, L)
Nozzle for SMD rework handpiece
(No.A1124B, A1128B)
Unit : mm
900S-ESD
907-ESD
900S-T-I (Shape-I)
900M-T-B (Shape-B)
176mm
190mm
25g
44g
1.2m
50W (24V)
< 2
Ω
< 2mV
Ceramic Heater
56
57
·····································································1
········································1
·············································1
································································1
·····························1
····························1
····························1
···········································2
···········································4
······························································3
························································1
····································································1
················1
···········1
····································································1
·····················2
············································1
····································1
···········································2
··········1
···················································1
·····························································1
·······························································1
····························1
····························1
···························1
··········································2
··········································4
·····························································3
······················································1
···································································1
·······························································1
·············································2
············································2


Similar Part No. - A1007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1007 ETC2-A1007 Datasheet
188Kb / 1P
Desoldering Gun for HAKKO 474.475
A1007 ETC1-A1007 Datasheet
1Mb / 24P
Desoldering Tool
A1007 ETC2-A1007 Datasheet
233Kb / 6P
R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
logo
TOKO, Inc
A1007AY TOKO-A1007AY Datasheet
52Kb / 1P
High Reliability Fixed Inductors for Surface Mounting
A1007AY-100M TOKO-A1007AY-100M Datasheet
52Kb / 1P
High Reliability Fixed Inductors for Surface Mounting
More results

Similar Description - A1007

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
DP0V-REPK RALSTON-DP0V-REPK Datasheet
309Kb / 1P
DP0V pump repair kit
DV0V-REPK RALSTON-DV0V-REPK Datasheet
309Kb / 1P
DV0V pump repair kit
QTAP-REPK RALSTON-QTAP-REPK Datasheet
310Kb / 1P
APGV, AP0V pump repair kit
QTCM-REPK RALSTON-QTCM-REPK Datasheet
293Kb / 1P
QTCM, QSCM manifold repair kit
logo
Molex Electronics Ltd.
62201-5700 MOLEX11-62201-5700 Datasheet
35Kb / 1P
Signal Pin Inserter Repair Tool
62202-2090 MOLEX11-62202-2090 Datasheet
44Kb / 1P
Single Pin Repair Tool
0640000076 MOLEX11-0640000076 Datasheet
55Kb / 1P
Hand Tool Repair Kit
logo
3M Electronics
08270 3M-08270 Datasheet
47Kb / 4P
SMC/ Fiberglass Repair Adhesive - 1
Jun-2014
08275 3M-08275 Datasheet
83Kb / 4P
3M Rigid Parts Repair
Nov-2017
logo
Molex Electronics Ltd.
62201-7800 MOLEX-62201-7800 Datasheet
1Mb / 5P
BMTP Repair Fixture
11-17-11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com