Electronic Components Datasheet Search
  English  ▼

X  

611-1. Datasheet(PDF) 1 Page - HAKKO Corporation

Part # 611-1.
Description  Iron Holder / Solder Reel Stand
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAKKO [HAKKO Corporation]
Direct Link  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

611-1. Datasheet(HTML) 1 Page - HAKKO Corporation

  611-1. Datasheet HTML 1Page - HAKKO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Iron Holder / Solder Reel Stand
Specifications
Part No.
Dimensions
Shaft Dia.
Usable Solder
Weight
611-1
86(W) x 114(H) x 78(D)mm
1kg roll bobbin (Max.) x 1
550g
611-2
87(W) x 200(H) x 141(D)mm
1kg roll bobbin (Max.) x 2
750g
No.599B
No. 611-1
No. 611-2
No.602
No.603
No.606
No.633-01
No.607
No.633-02
Specifications
Model No.
599B*
602
603
607
633-01
633-02
Dimensions of Cleaner
Dimensions
ø70 x 71(H)mm
Weight
65g
65 x 45 x 15mm
92(W) x 108(D)mm
80g
70 x 70 x 15mm
82(W) x 95(D)mm
500g
65 x 45 x 15mm
(w/Alminum Case)
100(W) x 160(D)mm
310g
70 x 70 x 15mm
98(W) x 166(D)mm
600g
ø70 x 71(H)mm
84(W) x 186(D)mm
380g
ø70 x 15mm
84(W) x 186(D)mm
340g
606
• Replacement cartridge for HAKKO 633.
• No water required.
• Helps your lead-free solder application.
HAKKO 599B*
ESD safe by design.
Keep your bench neat.
Draw out the solder wire smoothly.
ø15mm
45


Similar Part No. - 611-1.

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
611-301-04 MARL-611-301-04 Datasheet
450Kb / 5P
횠6.35mm mounting Black anodised aluminium housing, sealed to IP67
611-301-20 MARL-611-301-20 Datasheet
450Kb / 5P
횠6.35mm mounting Black anodised aluminium housing, sealed to IP67
611-301-21 MARL-611-301-21 Datasheet
336Kb / 3P
PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
611-301-21 MARL-611-301-21 Datasheet
450Kb / 5P
횠6.35mm mounting Black anodised aluminium housing, sealed to IP67
611-301-21 MARL-611-301-21 Datasheet
450Kb / 5P
high performance panel lamps
More results

Similar Description - 611-1.

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
400-2800 CAMBION-400-2800 Datasheet
129Kb / 1P
"C" size Battery Holder - Solder tab
400-2801 CAMBION-400-2801 Datasheet
129Kb / 1P
"D" size Battery Holder - Solder tab
400-2802 CAMBION-400-2802 Datasheet
129Kb / 1P
"AA" size Battery Holder - Solder tab
logo
Ferroxcube Internationa...
TN7.5-2P40 FERROXCUBE-TN7.5-2P40 Datasheet
47Kb / 3P
Iron powder toroids
logo
CML Microcircuits
LH15 CMLMICRO-LH15 Datasheet
84Kb / 1P
Bayonet Holder with solder tags
logo
Pericom Semiconductor C...
PT8A3514A PERICOM-PT8A3514A Datasheet
279Kb / 8P
Smart Iron Controller
logo
List of Unclassifed Man...
TS100 ETC1-TS100 Datasheet
5Mb / 22P
Soldering Iron
logo
TE Connectivity Ltd
TTDS-259 TEC-TTDS-259 Datasheet
531Kb / 3P
UNIVERSAL REEL HOLDER
logo
Keystone Electronics Co...
1047 KEYSTONE-1047 Datasheet
122Kb / 1P
SOLDER TAIL DUAL BATTERY HOLDER
12.08.14
logo
Analog Technologies, In...
ATAS80 ANALOGTECHNOLOGIES-ATAS80 Datasheet
373Kb / 7P
Auto Iron
3/22/2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com