Electronic Components Datasheet Search
  English  ▼

X  

EEVFK1K331M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEVFK1K331M
Description  Aluminum Electrolytic Capacitors (SMD Type)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVFK1K331M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEVFK1K331M Datasheet HTML 1Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 2Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 3Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 4Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 5Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Aluminum Electrolytic Capacitors (SMD Type)
Surface Mount Type
Series:
FK Type: V
● Endurance:105 ℃ 2000 h to 5000 h
● Low impedance(40 % to 60 % less than FC series)
● Miniaturized (30 % to 50 % less than FC series)
● Vibration-proof product (30G guaranteed) is available upon request(φ6.3 ≦)
● RoHS compliant
Example : 6.3 V.DC 22 μF, 6.3 V.DC 3300 μF
Marking color : BLACK
≦ φ10
≧ φ12.5
Unit:mm
・The dimensions of the vibration-proof products, please refer to the page of the mounting specification.
Features
Specifications
Category temp. range
–55 ℃ to +105 ℃
Rated voltage range
6.3 V.DC to 100 V.DC
Characteristics
at low temperature
Rated voltage (V.DC)
Z (–25 ℃) / Z (+20 ℃)
Z (–40 ℃) / Z (+20 ℃)
Z (–55 ℃) / Z (+20 ℃)
6.3
2
2
Capacitance tolerance
±20 % (120 Hz / +20 ℃)
Leakage current
I ≦ 0.01 CV or 3 (μA) After 2 minutes (Whichever is greater)
Dissipation factor (tan δ)
Please see the attached characteristics list
Capacitance range
3.3 μF to 6800 μF
2
After storage for 1000 hours at +105 ℃ ± 2 ℃ with no voltage applied and then being
stabilized at +20 ℃, capacitors shall meet the limits specified in endurance.
Within the initial limit
Endurance
After applying rated working voltage for 2000 hours at +105 ℃ ± 2 ℃ and then being
(≧ φ12.5 and suffix “G” in φ8×10.2, φ10×10.2 are 5000 hours)
Capacitance change
Within ±30 % of the initial value (Suffix “G” is 35 %)
Dissipation factor(tan δ) ≦ 200 % of the initial limit (Suffix “G” is 300 %)
Leakage current
2
2
2
2
3
3
3
3
3
3
3
3
3
3
Resistance to
soldering heat
After reflow soldering and then being stabilized at +20 ℃, capacitors shall meet the
Capacitance change
Within ±10 % of the initial value
Dissipation factor(tan δ) Within the initial limit
Leakage current
Within the initial limit
Marking
Frequency (Hz)
Correction factor
50, 60
0.70
120
0.75
1 k
0.90
Dimensions
10 k
0.95
100 k to
1.00
Frequency correction factor for ripple current
AEC-Q200
1.8 0.35 +0.15
ー0.20
E
8.0
0.65±0.1 1.8 0.35 +0.15
ー0.20
D8
6.3 7.7±0.3 6.6 7.8 max.
D
6.3 5.8±0.3 6.6 7.8 max. 2.6
2.6 0.65±0.1
2A
100
G
10.0
8.3 10.0 max. 3.4
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
17-Apr-19
10.2±0.3 10.3 12.0 max. 3.5 0.90±0.2 4.6
0.90±0.2 3.1 0.70±0.2
13.5 15.0 max. 4.7 0.90±0.3 4.4
C
16
K
0.70±0.2
V
35
0.35 +0.15
80
ー0.20
F
8.0 10.2±0.3
6.2±0.3 8.3 9.5 max. 3.4 0.65±0.1 2.2
E
25
H13 12.5 13.5±0.5
AEC-Q200 compliant
stabilized at +20 ℃, capacitors shall meet the following limits.
(With voltage treatment)
Shelf life
following limits.
10 16 25 35 50 63
3
3
(Impedance ratio at 120 Hz)
2
2
80 100
3
3
4
4
4
3
I
W
P
A, B
H
Size code
φD
L
K
1.5
0.35
0.35
+0.15
ー0.20
+0.15
ー0.20
1.8 0.65±0.1 1.0
2.2
B
C
4.0 5.8±0.3
Unit:V.DC
4.3 5.5 max.
5.3 6.5 max.
j
6.3
A
10
H
50
J
63
0.65±0.1
5.0 5.8±0.3
R. voltage code
0.70±0.3
J16 16.0 16.5±0.5 17.0 19.0 max. 5.5 1.20±0.3 6.7 0.70±0.3
K16 18.0 16.5±0.5 19.0 21.0 max. 6.7 1.20±0.3 6.7 0.70±0.3
0.3 max.
L
A±0.2
W
22
j FK
Pressure Relief (φ10 and larger)
()Reference size
Negative polarity
marking (–)
Capacitance (μF)
Series identification
Rated voltage code
Lot number
Mark for Lead-Free
products (Black dot)
3300
j FK
Series identification
Rated voltage code
Lot number
Capacitance (μF)
Negative polarity
marking (–)


Similar Part No. - EEVFK1K331M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVFK1K331M PANASONIC-EEVFK1K331M Datasheet
117Kb / 6P
ALUMINUM ELEECTROLYTIC CAPACITORS/FK
EEVFK1K331M PANASONIC-EEVFK1K331M Datasheet
105Kb / 4P
Aluminum Electrolytic Capacitors/ FK
EEVFK1K331M PANASONIC-EEVFK1K331M Datasheet
295Kb / 7P
Aluminum Electrolytic Capacitor/FK series
EEVFK1K331M PANASONIC-EEVFK1K331M Datasheet
295Kb / 7P
Aluminum Electrolytic Capacitor/FK series Endurance: 2000 to 5000h at105C
EEVFK1K331M PANASONIC-EEVFK1K331M Datasheet
105Kb / 4P
Aluminum Electrolytic Capacitors/ FK
More results

Similar Description - EEVFK1K331M

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13AD SUNTAN-TS13AD Datasheet
138Kb / 2P
AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
TS13AE SUNTAN-TS13AE Datasheet
139Kb / 2P
AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
TS13AD SUNTAN-TS13AD Datasheet
138Kb / 2P
AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
TS13AE SUNTAN-TS13AE Datasheet
139Kb / 2P
AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
VEC100M1CTR-0405 ETC2-VEC100M1CTR-0405 Datasheet
182Kb / 1P
SMD Aluminum Electrolytic Capacitors
logo
EPCOS
B41121A6107M EPCOS-B41121A6107M Datasheet
597Kb / 13P
Aluminum Electrolytic Capacitors: SMD
logo
Panasonic Semiconductor
EEEFK0J352SQ PANASONIC-EEEFK0J352SQ Datasheet
57Kb / 2P
Aluminum Electrolytic Capacitors (SMD Type)
EEE-1VA101XAP PANASONIC-EEE-1VA101XAP Datasheet
65Kb / 3P
Aluminum Electrolytic Capacitors (SMD Type)
EEEFK1E101XP PANASONIC-EEEFK1E101XP Datasheet
38Kb / 1P
Aluminum Electrolytic Capacitors(SMD Type)
FKS PANASONIC-FKS Datasheet
798Kb / 4P
Aluminum Electrolytic Capacitors (SMD Type)
17-Apr-19
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com