Electronic Components Datasheet Search
  English  ▼

X  

1232003 Datasheet(PDF) 5 Page - Lapp.

Part # 1232003
Description  ÖLFLEX® HEAT 125 SC 300/500V 1X0,5 BN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

1232003 Datasheet(HTML) 5 Page - Lapp.

  1232003 Datasheet HTML 1Page - Lapp. 1232003 Datasheet HTML 2Page - Lapp. 1232003 Datasheet HTML 3Page - Lapp. 1232003 Datasheet HTML 4Page - Lapp. 1232003 Datasheet HTML 5Page - Lapp. 1232003 Datasheet HTML 6Page - Lapp. 1232003 Datasheet HTML 7Page - Lapp. 1232003 Datasheet HTML 8Page - Lapp. 1232003 Datasheet HTML 9Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Article information
2025-06-30
© (2025) Lapp Group - all rights reserved.
Page 5 of 9
ÖLFLEX® HEAT 125 SC 300/500 V
Article
No.
Name
Conductor cross-section
(mm2)
Single core
color
Single core packaging
type
Length per
PU
Nominal voltage
Nominal core
diameter
Copper
index
Weight
1232000 ÖLFLEX® HEAT 125 SC 300/500V 1X0,
5 GNYE
0.5 mm² green/yellow
Ring
100 m
U /U: 300/500 V AC rms
0
according to IEC
4.8 kg/km
8 kg
/km
1232001 ÖLFLEX® HEAT 125 SC 300/500V 1X0,
5 BK
0.5 mm²
black
Ring
100 m
U /U: 300/500 V AC rms
0
according to IEC
4.8 kg/km
8 kg
/km
1232001K ÖLFLEX® HEAT 125 SC 300/500V 1X0,
5 BK
0.5 mm²
black
Large Cardboard Box
3,000 m
U /U: 300/500 V AC rms
0
according to IEC
4.8 kg/km
8 kg
/km
1232002 ÖLFLEX® HEAT 125 SC 300/500V 1X0,
5 BU
0.5 mm²
blue
Ring
100 m
U /U: 300/500 V AC rms
0
according to IEC
4.8 kg/km
8 kg
/km
1232003 ÖLFLEX® HEAT 125 SC 300/500V 1X0,
5 BN
0.5 mm²
brown
Ring
100 m
U /U: 300/500 V AC rms
0
according to IEC
4.8 kg/km
8 kg
/km
1232005 ÖLFLEX® HEAT 125 SC 300/500V 1X0,
5 YE
0.5 mm²
yellow
Ring
100 m
U /U: 300/500 V AC rms
0
according to IEC
4.8 kg/km
8 kg
/km
1232006 ÖLFLEX® HEAT 125 SC 300/500V 1X0,
5 GN
0.5 mm²
green
Ring
100 m
U /U: 300/500 V AC rms
0
according to IEC
4.8 kg/km
8 kg
/km
1232007 ÖLFLEX® HEAT 125 SC 300/500V 1X0,
5 VT
0.5 mm²
violet
Ring
100 m
U /U: 300/500 V AC rms
0
according to IEC
4.8 kg/km
8 kg
/km
1232009 ÖLFLEX® HEAT 125 SC 300/500V 1X0,
5 OG
0.5 mm²
orange
Ring
100 m
U /U: 300/500 V AC rms
0
according to IEC
4.8 kg/km
8 kg
/km
1232104 ÖLFLEX® HEAT 125 SC 300/500V 1X0,
5 RD
0.5 mm²
red
Ring
100 m
U /U: 300/500 V AC rms
0
according to IEC
4.8 kg/km
8 kg
/km
1232105 ÖLFLEX® HEAT 125 SC 300/500V 1X0,
5 WH
0.5 mm²
white
Ring
100 m
U /U: 300/500 V AC rms
0
according to IEC
4.8 kg/km
8 kg
/km
1232106 ÖLFLEX® HEAT 125 SC 300/500V 1X0,
5 GY
0.5 mm²
grey
Ring
100 m
U /U: 300/500 V AC rms
0
according to IEC
4.8 kg/km
8 kg
/km
1232114 ÖLFLEX® HEAT 125 SC 300/500V 1X0,
5 DBU
0.5 mm²
dark blue
Ring
100 m
U /U: 300/500 V AC rms
0
according to IEC
4.8 kg/km
8 kg
/km
1233000 ÖLFLEX® HEAT 125 SC 300/500V 1X0,
75 GNYE
0.75 mm² green/yellow
Ring
100 m
U /U: 300/500 V AC rms
0
according to IEC
7.2 kg/km 11 kg
/km



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com