Electronic Components Datasheet Search
  English  ▼

X  

EEVFK1K331M Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEVFK1K331M
Description  Aluminum Electrolytic Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVFK1K331M Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEVFK1K331M Datasheet HTML 1Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 2Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 3Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 4Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 5Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 6Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 7Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 8Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FK series
Endurance : 105
℃ 2000 h (≧ ø12.5 : 5000 h)
*1: Size code( ): Miniaturization product
*2: Ripple current (100 kHz / +105
℃)
*3: Impedance (100 kHz / +20
℃)
*4: tan δ (120 Hz / +20
℃)
・ Please refer to the page of "Reflow Profile" and "The Taping Dimensions".
5.8
ー
47
33
22
330
390
125
125
EEVFK1H561V
EEVFK1H681V
EEEFK1H220V
EEEFK1H330XV
EEEFK1H330V
EEEFK1H470XV
EEEFK1H470V
EEEFK1H101V
EEEFK1H151V
EEEFK1H221V
EEVFK1H471V
13.5
13.8
0.12
6.1
0.08
0.08
3.00
1.50
50
80
16.8
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
0.08
250
0.08
0.17
0.153
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
3.00
Should a safety concern arise regarding this product, please be sure to contact us immediately.
06-Dec-19
33
47
EEEFK1J100V
ー
6.3
7.7
8
8.0
10.2
10.5
8.0
6.2
6.5
5.0
0.65
500
(2)
EEEFK1J330P
0.08
0.65
EEEFK1J330V
0.08
16.5
16.0
16.8
0.10
0.10
0.10
0.073
0.073
0.073
1610
1610
1610
16.5
13.5
13.8
10.2
10.5
10.0
10.2
10.5
900
900
12.5
0.10
195
0.88
0.68
0.68
195
195
H13
0.68
0.68
0.34
E
D8
E
F
0.10
0.10
0.10
0.10
0.12
0.10
0.10
0.10
0.10
5.8
ー
4.0
5.8
ー
7.7
8
6.3
5.8
6.1
6.3
5.8
6.1
5.0
10.2
10.5
12.5
13.5
13.8
10.0
10.2
10.5
16.5
16.8
16.0
16.5
16.8
Rated
voltage
(V)
Capacitance
(±20 %)
(μF)
4.7
4.0
5.8
ー
øD
Case size
4.0
5.8
ー
35
8.0
10.2
10.5
6.3
7.7
8
10.2
10.5
12.5
13.5
13.8
8.0
6.3
7.7
8
5.8
6.3
6.1
5.0
5.8
ー
6.3
5.8
6.1
5.0
5.8
ー
Specification
Part No.
(mm)
L
Ripple
current*2
(mA rms)
Impe-
dance*3
(Ω)
tan δ*4
Standard
Product
Vibration-proof
product
Standard Vibration-
proof
2000
2000
1000
1000
1000
1000
900
900
500
500
500
500
200
200
125
125
2000
1000
1000
0.18
0.18
0.10
0.10
0.073
900
1000
EEEFK1J220P
0.08
0.08
1.20
1.20
125
125
1000
1000
(1)
(2)
EEEFK1J220V
EEVFK1H102M
EEEFK1J4R7R
(1)
0.10
0.06
0.06
0.035
0.035
2.90
1.52
0.88
1000
ー
EEEFK1H100P
EEEFK1H100V
0.10
0.12
0.12
Min.
Packaging
Q'ty (pcs)
Taping
90
90
F
J16
J16
J16
J16
C
D
D8
E
F
250
250
0.65
0.08
1.35
1.35
165
165
(1)
(1)
2.40
2.40
1.30
1.30
0.70
0.32
0.32
0.32
0.08
0.08
0.08
0.08
0.35
0.16
0.16
0.082
0.08
5.00
160
160
240
240
280
280
600
600
600
850
1100
1100
1800
1800
60
85
195
350
400
800
800
1410
1690
1610
120
120
670
670
793
917
B
(B)
C
C
D
D
D8
D8
F
F
F
G
H13
H13
J16
J16
B
(C)
D
D
D8
500
H13
H13
J16
G
G
K16
C
H13
500
500
13.8
13.8
D
D8
E
F
F
G
H13
H13
H13
13.5
J16
K16
6.5
8
6.5
10.5
16.8
16.8
10.5
10.5
10.5
13.8
13.8
16.8
16.8
ー
6.1
8
6.5
10.5
10.5
5.8
10.5
12.5
12.5
16.8
16.8
6.2
7.7
6.2
10.2
16.5
16.5
10.2
10.2
10.2
13.5
13.5
16.5
16.5
5.8
5.8
7.7
6.2
10.2
10.2
13.5
10
1000
1500
4.7
22
680
560
16.0
6.3
470
100
8.0
6.3
8.0
8.0
16.0
16.0
47
16.0
1000
1000
900
1000
500
22
33
47
68
3.3
4.7
8.0
10.0
12.5
10.2
13.5
13.8
25
40
60
60
130
130
200
500
200
200
125
125
500
500
900
1000
900
1000
500
500
500
200
200
500
500
200
200
200
125
125
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(2)
(2)
(2)
(2)
(3)
(3)
(3)
(3)
(1)
(1)
(2)
(1)
(2)
(2)
(2)
(2)
(3)
(3)
(3)
(3)
(3)
(3)
(1)
(1)
(2)
(2)
(3)
(3)
(3)
(3)
(1)
(2)
(1)
(1)
(2)
(2)
(2)
(2)
(3)
(3)
(3)
(3)
(3)
ー
ー
ー
ー
EEEFK1V330V
EEEFK1V470V
EEEFK1V680XV
EEEFK1V101XV
EEEFK1V101V
EEEFK1V151V
EEEFK1V221V
EEEFK1V331V
EEVFK1V471V
EEVFK1V681V
EEVFK1V102V
EEVFK1V152V
ー
EEVFK1K331V
EEVFK1K471V
EEEFK1V4R7R
EEEFK1V100UR
EEEFK1V100R
EEEFK1V220R
EEEFK1V330P
EEEFK1V470P
EEEFK1V680XP
EEEFK1V101XP
EEEFK1V101P
EEEFK1V151P
EEEFK1V221P
EEEFK1V331P
EEVFK1V471Q
EEVFK1V681Q
EEVFK1V102M
EEVFK1V152M
EEEFK1H4R7R
EEEFK1H100UR
EEVFK1J681V
ー
EEEFK1J470V
EEEFK1J680UV
EEEFK1H220P
EEEFK1H330XP
EEEFK1H330P
EEEFK1H470XP
EEEFK1K470V
EEVFK1K680V
EEVFK1K101V
EEVFK1K151V
EEEFK1K4R7V
EEEFK1K100XV
EEEFK1K100V
EEEFK1K220V
EEEFK1K330V
EEVFK1H331V
EEVFK1H391V
EEVFK1H102V
EEEFK1J220XV
EEEFK1J101V
EEVFK1J151V
EEVFK1J221V
EEVFK1J471V
EEEFK1H470P
EEEFK1H101P
EEEFK1H151P
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
EEEFK1H221P
220
4.7
8.0
8.0
6.3
EEVFK1J151Q
EEVFK1J221Q
EEEFK1J470P
EEVFK1H331Q
EEVFK1H391Q
EEVFK1H471M
EEVFK1H561M
EEVFK1H681M
EEEFK1J100P
EEEFK1J220XP
EEEFK1J680UP
EEEFK1J101P
10.0
12.5
1000
EEEFK1K220P
(F)
G
EEEFK1K330P
EEEFK1K470P
EEVFK1K680Q
EEVFK1K101Q
EEVFK1K151Q
EEVFK1K331M
EEVFK1K471M
EEVFK1J471M
EEVFK1J681M
EEEFK1K3R3R
EEEFK1K4R7P
EEEFK1K100XP
EEEFK1K100P
470
100
150
330
10
68
100
150
220
470
680
22
100
10
68
330
150
220
470
680
0.12
0.12
0.12
0.12
0.12
8.0
0.70
0.70
0.36
0.36
0.34
0.34
0.16
0.16
0.16
0.08
Characteristics list
33
150
0.10
0.08
0.08
80
63
50
16.0
18.0
16.5
16.5
8.0
8.0
10.0
12.5
12.5
16.0
18.0
5.0
6.3
6.3
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com