Electronic Components Datasheet Search
  English  ▼

X  

2170216 Datasheet(PDF) 2 Page - Lapp.

Part # 2170216
Description  Remote Bus Cable (RBC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170216 Datasheet(HTML) 2 Page - Lapp.

  2170216 Datasheet HTML 1Page - Lapp. 2170216 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UNITRONIC® Flexing Interbus™ BUS Cable
Signal and Control Cables used in the Manufacturing and
Process Industries
157
800-774-3539 • www.lappusa.com
911284
2170218
2170216
2170818
Part
Number
Application
Description
Flexing
Flexing
Flexing
Flexing
Jacket
Color
Green
Violet
Violet
Violet
Bus FD P IBS
Bus FD P Combi IBS
Bus FP P IBS- UL/CSA
Bus FD P Combi IBS- UL/CSA
24/3pr
24/3pr + 17/3c
24/3pr
24/3pr + 17/3c
Conductor
Description
Nominal Outer
Diameter
inches
mm
Approx.
Weight
lbs/mft
kg/km
.311
.311
.311
.311
7.9
7.9
7.9
7.9
43
62
43
62
64
92
64
92
UNITRONIC® Interbus™ BUS cables are designed for
today’s high speed control requirements. They function
as communication vehicles between control level
devices, such as PLCs and numerous lower level
devices, sensors and actuators. The cables deliver
precise data transmissions required in today’s
demanding manufacturing and process environments.
Our advanced designs provide excellent protection from
EMI emissions. Lapp supplies flexible, flexing, and
outdoor cable types, which are certified to Interbus
conformance requirements.
UNITRONIC® Interbus™ BUS Cables Construction: Flexing Versions
Finely stranded bare copper conductors; TPE insulation; conductors paired; non-wicking wrap; tinned copper braid;
flame retardant polyurethane jacket.
Minimum Bending Radius
for continuous flexing:
15 x cable diameter
Temperature Range:
-30oC to +70oC
Nominal Voltage:
250V
Test Voltage:
1500V
Nominal Capacitance:
Cond/ Cond:
18pF/ft
Cond/ Shield:
32pf/ft
Impedance:
100
Ω
Transmission rate:
1 Mbit/sec.
Color Code:
DIN 47100, Chart 7, Page 674
17/3c: Red, Blue, Green/Yellow
Technical Data:
Interbus™ is a registered trademark of Phoenix Contact.
Lapp is a member of the INTERBUS Club.
Key to description terms:
P = Polyurethane outer jacket
IBS = Remote bus cable for Interbus
Combi = Remote installation cable for Interbus (bus cable & power supply)
OR-
05
FR-
02
CF-
01
MP-
05
Cable Attributes
Z



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com