Electronic Components Datasheet Search
  English  ▼

X  

1600821 Datasheet(PDF) 1 Page - Lapp.

Part # 1600821
Description  H07ZZ-F multicore
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

1600821 Datasheet(HTML) 1 Page - Lapp.

  1600821 Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
H07ZZ-F multicore
FIO Catalogue description: Lapp Olflex Halogen Free Rubber cables
H07ZZ-F multicore are Halogen free Rubber cables for use in tools and agricultural machinery. Acc.
to VDE 0100 part 711 theses cables are permitted in buildings for shows and booths without fire
alarm system. The cables are for use in dry and damp interiors as well as outdoors.
Design
acc. to HD 22-13 that is VDE 0282 part 13
Conductor
Bare copper, fine wire strand in acc. to IEC 60 228 that is VDE 0295,
class 5
Core insulation
Halogen free rubber compound EI 8 acc. to EN 50363-5
Identification
Colour coded in acc. to VDE 0293-1 or HD308S2 that is VDE 0293-308
Outer sheet
Halogen free rubber compound EM 8 acc. to EN 50363-6 Colour outer
sheet black
Electrical properties at 20°C
Rated voltage
U0/U: 450 / 750 V
Test voltage
2500 V AC
Mechanical and thermal properties
Temp. range
flexible application: -5°C to +70°C max. conductor temperature
fixed installation: -40°C to +70°C max. conductor temperature
Min. bending radius
flexing: 6 x cable diameter
static: 4 x cable diameter
Flame retardant
acc. to IEC 60 332.1 and IEC 60 332.3
Tests
acc. to VDE 0472 and IEC 60 811-x.x that is VDE 0473; UL Style 20234
Approvals
H07ZZ-F acc. to HD 22-13 that is VDE 0282 part 13
EC directive
this cable confirms to ECD 73/23/EEC (low voltage directive)


Similar Part No. - 1600821

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
16008 ARIES-16008 Datasheet
447Kb / 1P
Thru-Hole .040 [1.02] Female DIP Strips
logo
Heyco.
16008 HEYCO-16008 Datasheet
150Kb / 2P
Hook and Loop – Ties
logo
Belden Inc.
16008 BELDEN-16008 Datasheet
421Kb / 4P
Gigabit Ethernet Cat7 Data Double-Ended Cordset
02-03-2025
logo
NTE Electronics
16008-ECG NTE-16008-ECG Datasheet
125Kb / 4P
Polymeric Positive Temperature Coefficient
logo
Turck, Inc.
1600801 TURCK-1600801 Datasheet
953Kb / 2P
Inductive Sensor – Resistant to Magnetic Fields
11/07/2023
More results

Similar Description - 1600821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6474 TI-TMS320C6474 Datasheet
2Mb / 204P
Multicore Digital Signal Processor
TMS320C6474 TI1-TMS320C6474_13 Datasheet
1Mb / 214P
TMS320C6474 Multicore Digital Signal Processor
logo
Freescale Semiconductor...
P4080PSE1MZA FREESCALE-P4080PSE1MZA Datasheet
241Kb / 2P
P4 Series P4080 multicore processor
P4080NXN1MMB FREESCALE-P4080NXN1MMB Datasheet
241Kb / 2P
P4080 multicore processor
P2041NXE1MMB FREESCALE-P2041NXE1MMB Datasheet
774Kb / 9P
P2041NXE1MMB multicore processors
logo
Texas Instruments
TMS320C6474 TI1-TMS320C6474_14 Datasheet
1Mb / 215P
Multicore Digital Signal Processor
logo
Freescale Semiconductor...
P4080NXE1MMB FREESCALE-P4080NXE1MMB Datasheet
495Kb / 3P
P4 Series Multicore Processors
P4040NSN1PNB FREESCALE-P4040NSN1PNB Datasheet
495Kb / 3P
P4 Series Multicore Processors
logo
STMicroelectronics
AN4498 STMICROELECTRONICS-AN4498 Datasheet
941Kb / 19P
Lauterbach multicore debugging guide
19-Nov-2014
logo
Teledyne Technologies I...
T1042 TELEDYNE-T1042 Datasheet
1Mb / 174P
QorIQ Integrated Multicore Communications Processor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com