Electronic Components Datasheet Search
  English  ▼

X  

1123021 Datasheet(PDF) 1 Page - Lapp.

Part # 1123021
Description  ÖLFLEX® CLASSIC 130 H
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

1123021 Datasheet(HTML) 1 Page - Lapp.

  1123021 Datasheet HTML 1Page - Lapp. 1123021 Datasheet HTML 2Page - Lapp. 1123021 Datasheet HTML 3Page - Lapp. 1123021 Datasheet HTML 4Page - Lapp. 1123021 Datasheet HTML 5Page - Lapp. 1123021 Datasheet HTML 6Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT INFORMATION
ÖLFLEX® CLASSIC 130 H
Halogen-free control cable with improved fire characteristics
ÖLFLEX® CLASSIC 130 H - halogen-free control cable, HFFR and flexible for various applications, U0/U: 300/500V
Info
CPR: Article number choice under www.lappkabel.com/cpr
For use within public buildings and industrial plants
New: Extended application range
GL certified and cold flexible down to -25°C
Halogen-free
Flame-retardant
Benefits
Easy installation due to flexible design
Certified for maritime applications
Substitutes ÖLFLEX® 120 H
Application range
Public buildings like airports or railway stations
Plant engineering, Industrial machinery
Heating and air-conditioning systems
Stage applications
Particularly where human and animal life as well as valuable property are exposed to high risk of fire hazards
Note: for the use of AWM (Appliance Wiring Material) cables in industrial machinery (USA) according to NFPA 79 Ed. 2015:
please see the catalogue appendix table T29
Last Update (30.10.2017)
1 / 6
©2017 Lapp Group - Technical changes reserved
Product Management www.lappkabel.de
You can find the current technical data in the corresponding data sheet.
PN 0456 / 02_03.16


Similar Part No. - 1123021

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1123000000 WEIDMULLER-1123000000 Datasheet
556Kb / 5P
Unique multi-voltage input from 24 to 230 V UC
logo
Lapp.
1123033 LAPP-1123033 Datasheet
69Kb / 2P
ÖLFLEX® CLASSIC 130 H
02.02.2016
1123037 LAPP-1123037 Datasheet
69Kb / 2P
ÖLFLEX® CLASSIC 130 H
02.02.2016
1123041 LAPP-1123041 Datasheet
69Kb / 2P
ÖLFLEX® CLASSIC 130 H
02.02.2016
1123067 LAPP-1123067 Datasheet
69Kb / 2P
ÖLFLEX® CLASSIC 130 H
02.02.2016
More results

Similar Description - 1123021

ManufacturerPart #DatasheetDescription
logo
Lapp.
1119809 LAPP-1119809 Datasheet
192Kb / 2P
GLFLEX® CLASSIC 110 [black]
10.11.2020
1120730 LAPP-1120730 Datasheet
70Kb / 1P
OLFLEX® CLASSIC 110 LT
01.01.2019
1125752 LAPP-1125752 Datasheet
174Kb / 1P
OLFLEX® CLASSIC 110 SY
08.03.2023
1136510 LAPP-1136510 Datasheet
76Kb / 2P
ÖLFLEX® CLASSIC 115 CY BK
23.05.2018
1119752 LAPP-1119752 Datasheet
180Kb / 2P
ÖLFLEX CLASSIC 110
03.03.2023
UDB201803 LAPP-UDB201803 Datasheet
130Kb / 2P
ÖLFLEX® TRAY VTC & VTCS
May 10, 2022
UDB281803 LAPP-UDB281803 Datasheet
105Kb / 2P
ÖLFLEX® CONTROL TM & ÖLFLEX® CONTROL TM CY
January 1, 2019
UDB602002 LAPP-UDB602002 Datasheet
111Kb / 2P
ÖLFLEX® 190 & 190 CY
January 1, 2019
UDB611803 LAPP-UDB611803 Datasheet
110Kb / 2P
ÖLFLEX® POWER MULTI
January 1, 2019
1120366 LAPP-1120366 Datasheet
237Kb / 5P
ÖLFLEX® CLASSIC 110 BLACK 0,6/1 kV
14.11.2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com