Electronic Components Datasheet Search
  English  ▼

X  

41SH12 Datasheet(PDF) 1 Page - Linemaster Switch Corporation

Part # 41SH12
Description  Air-Seal Foot Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEMASTER [Linemaster Switch Corporation]
Direct Link  https://linemaster.com/
Logo LINEMASTER - Linemaster Switch Corporation

41SH12 Datasheet(HTML) 1 Page - Linemaster Switch Corporation

  41SH12 Datasheet HTML 1Page - Linemaster Switch Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Linemaster Switch Corporation
29 Plaine Hill Road POB 238
Woodstock, CT 06281-0238 USA
Toll Free: (800) 974-3668 (US Only) Telephone: (860) 974-1000
Fax: (860) 974-0691
E-Mail: service_266@linemaster.com
Web site: www.linemaster.com
Item # 41SH12, Air-Seal Foot Switch
Air-Seal Foot Switch
The Air-Seal foot switch offers the benefit of isolating the electrically live snap switch from the floor, which also offers
environmental protection. Other benefits include long trouble free life and application versatility. The Air-Seal foot switch
series combines a foot operated air bulb mounted in our strong, steel Compact housing and a remotely locates air
operated electric snap switch. The Air-Seal is available in either momentary or maintained versions, with SPDT snap
switch. A 10 foot 1/8" ID PVC tubing connects the foot pedal to the remote airswitch, which is equipped with a 9/16" UNF
bulkhead mount. The tubing is connected at the foot switch end using a molded on strain relief grommet providing
superior pull out protection.
SPECIFICATIONS
Description
Momentary
Circuit
SPDT
Form
C
Operating Temperature Range
10 to 120 &#176F
Electrical Rating
20 A 125-250 VAC
1 H.P. 125 VAC
2 H.P. 250 VAC
Standards
EN 60529 Degree of Protection IPXX Master Actuator, EN 60529 Degree of Protection IP00 Snap Switch
Size
2 7/8 x 4 1/2 x 1 1/8 Inch
Weight
1/2 lbs
Note
The operating temperature range will vary with different lengths of tubing. Please consult the factory for
details.
10/3/2012 | Page 1 of 1


Similar Part No. - 41SH12

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
41SM HONEYWELL-41SM Datasheet
875Kb / 13P
MICRO SWITCH™ SM Series Premium Subminiature Basic Switches
November 2013
41SM1 HONEYWELL-41SM1 Datasheet
875Kb / 13P
MICRO SWITCH™ SM Series Premium Subminiature Basic Switches
November 2013
41SM1-H2 HONEYWELL-41SM1-H2 Datasheet
875Kb / 13P
MICRO SWITCH™ SM Series Premium Subminiature Basic Switches
November 2013
41SM1-H251 HONEYWELL-41SM1-H251 Datasheet
875Kb / 13P
MICRO SWITCH™ SM Series Premium Subminiature Basic Switches
November 2013
41SM1-H4 HONEYWELL-41SM1-H4 Datasheet
875Kb / 13P
MICRO SWITCH™ SM Series Premium Subminiature Basic Switches
November 2013
More results

Similar Description - 41SH12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3000 VISHAY-DG3000 Datasheet
72Kb / 9P
Low-Voltage Single SPDT MICRO FOOT Analog Switch
26-Aug-02
logo
Bud Industries, Inc.
F-3581 BUD-F-3581 Datasheet
14Kb / 1P
RUBBER FOOT
F-8038 BUD-F-8038 Datasheet
13Kb / 1P
RUBBER FOOT
logo
Molex Electronics Ltd.
0011200739 MOLEX11-0011200739 Datasheet
115Kb / 4P
PNEUMATIC BENCH TERMINATOR ASSEMBLY w/FOOT SWITCH
logo
Tyco Electronics
B10480 MACOM-B10480 Datasheet
70Kb / 1P
10-48 TOGGLE SWITCH BOOT SEAL
logo
SparkFun Electronics
COM-11192 SPARKFUN-COM-11192 Datasheet
141Kb / 1P
Foot Pedal Switch
5??5??7
logo
Festo Corporation.
8984 FESTO-8984 Datasheet
97Kb / 1P
Foot valve
4/10/22
8992 FESTO-8992 Datasheet
96Kb / 1P
Foot valve
4/10/2
logo
List of Unclassifed Man...
6210-0B ETC-6210-0B Datasheet
122Kb / 1P
Foot Bellows
2010
logo
Highly Electric Co., Lt...
EFS-A HIGHLY-EFS-A Datasheet
443Kb / 2P
FOOT SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com