Electronic Components Datasheet Search
  English  ▼

X  

L-2-S Datasheet(PDF) 1 Page - Linemaster Switch Corporation

Part # L-2-S
Description  Lektro-Lok Foot Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEMASTER [Linemaster Switch Corporation]
Direct Link  https://linemaster.com/
Logo LINEMASTER - Linemaster Switch Corporation

L-2-S Datasheet(HTML) 1 Page - Linemaster Switch Corporation

  L-2-S Datasheet HTML 1Page - Linemaster Switch Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Linemaster Switch Corporation
29 Plaine Hill Road POB 238
Woodstock, CT 06281-0238 USA
Toll Free: (800) 974-3668 (US Only) Telephone: (860) 974-1000
Fax: (860) 974-0691
E-Mail: service_266@linemaster.com
Web site: www.linemaster.com
Item # L-2-S, Lektro-Lok Foot Switch
Lektro-Lok Foot Switch
Mechanical interlock-prevents both circuits from being operated at the time. The Lektro-Lok operates on the teeter-totter
principal. Pressure on one side opens or closes line, release of pressure returns switch to normal off position, pressure on
other side open or closes circuit, independent of first. Both switches can be wired normally open or normally closed. All
wiring connections are made internally with only a single cord being brought out. This eliminates costly harness
assemblies which combined with the attractive switch price offer real economy.
SPECIFICATIONS
Description
Momentary
Circuit
Each Side SPDT
Form
C
Electrical Rating
10 A 125-250 VAC
1/2 H.P. 125-250 VAC
Standard
EN 60529 Degree of Protection IP20
Size
5 x 2 1/2 x 1 1/4 Inch
Weight Approx.
10 Oz.
11/21/2012 | Page 1 of 1


Similar Part No. - L-2-S

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-20001 RHOMBUS-IND-L-20001 Datasheet
15Kb / 1P
CURRENT SENSE INDUCTOR
2/21/00
L-201 RHOMBUS-IND-L-201 Datasheet
16Kb / 1P
AUDIO INDUCTOR
11/20/98
logo
Vishay Siliconix
L-2010M0R10FBBS VISHAY-L-2010M0R10FBBS Datasheet
130Kb / 3P
Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
31-Jul-08
L-2010M0R10GBBS VISHAY-L-2010M0R10GBBS Datasheet
130Kb / 3P
Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
31-Jul-08
L-2010M0R10HBBS VISHAY-L-2010M0R10HBBS Datasheet
130Kb / 3P
Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
31-Jul-08
More results

Similar Description - L-2-S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3000 VISHAY-DG3000 Datasheet
72Kb / 9P
Low-Voltage Single SPDT MICRO FOOT Analog Switch
26-Aug-02
logo
Bud Industries, Inc.
F-3581 BUD-F-3581 Datasheet
14Kb / 1P
RUBBER FOOT
F-8038 BUD-F-8038 Datasheet
13Kb / 1P
RUBBER FOOT
logo
Molex Electronics Ltd.
0011200739 MOLEX11-0011200739 Datasheet
115Kb / 4P
PNEUMATIC BENCH TERMINATOR ASSEMBLY w/FOOT SWITCH
logo
Richco, Inc.
TL-1125 RICHCO-TL-1125 Datasheet
57Kb / 1P
TWIST - LOK
logo
SparkFun Electronics
COM-11192 SPARKFUN-COM-11192 Datasheet
141Kb / 1P
Foot Pedal Switch
5??5??7
logo
Festo Corporation.
8984 FESTO-8984 Datasheet
97Kb / 1P
Foot valve
4/10/22
8992 FESTO-8992 Datasheet
96Kb / 1P
Foot valve
4/10/2
logo
List of Unclassifed Man...
6210-0B ETC-6210-0B Datasheet
122Kb / 1P
Foot Bellows
2010
logo
Highly Electric Co., Lt...
EFS-A HIGHLY-EFS-A Datasheet
443Kb / 2P
FOOT SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com