Electronic Components Datasheet Search
  English  ▼

X  

FXLS8961AFR1 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # FXLS8961AFR1
Description  null3-Axis Low-g Accelerometer
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8961AFR1 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button FXLS8961AFR1 Datasheet HTML 76Page - NXP Semiconductors FXLS8961AFR1 Datasheet HTML 77Page - NXP Semiconductors FXLS8961AFR1 Datasheet HTML 78Page - NXP Semiconductors FXLS8961AFR1 Datasheet HTML 79Page - NXP Semiconductors FXLS8961AFR1 Datasheet HTML 80Page - NXP Semiconductors FXLS8961AFR1 Datasheet HTML 81Page - NXP Semiconductors FXLS8961AFR1 Datasheet HTML 82Page - NXP Semiconductors FXLS8961AFR1 Datasheet HTML 83Page - NXP Semiconductors FXLS8961AFR1 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 101 page
background image
NXP Semiconductors
FXLS8961AF
3-Axis Low-g Accelerometer
16 Application information
16.1 System connections
FXLS8961AF connects to a host processor through an I2C or SPI interface. Figure 22 to Figure 27 show the
recommended circuit connections.
16.2 Recommendation for reading data registers
When operating in active mode the sensor stores the acceleration measurement in the associated LSB and
MSB Data registers. Assuming Fast Mode Read is not used, it is important to ensure the coherency between
MSB and LSB data bytes for a given axis when the host MCU reads those two registers, in order words, they
both need to correspond to the same measurement sample.
As mentioned in the registers description, the output data is latched into the OUT_X/Y/Z registers along with the
assertion of the SRC_DRDY event flag. Moreover, when the host MCU initiates a data register read transaction
on the secondary interface (Start condition in I2C mode or SPI_CS transition to low level in SPI mode), the
content of all data registers is locked till the transaction is completed. There are actually shadow registers to
prevent that data registers are updated when a new sample becomes available.
If the MCU performs single byte read transactions, the coherency between MSB and LSB data bytes cannot
be granted as they will be associated to two distinct transactions. Consequently it is highly recommended to
use multiple bytes for data reading, in order to at least collect both MSB and LSB data bytes with a unique read
transaction. Obviously, the MCU can collect all three axes data simultaneously (6 bytes) with a multiple bytes
data reading, and this will also ensure that the XYZ data triplet corresponds to the same timestamp.
Note: This constraint is mostly valid for asynchronous data reading. It is quite lightened if the host MCU
configures the sensor data ready interrupt to perform synchronous (interrupt driven) data reading, as this
provides an adequate trigger to read the samples. The synchronous reading scheme is also recommended to
avoid unnecessary traffic on the secondary interface, such as polling status registers.
Those considerations applies to normal Data output registers OUT_X/Y/Z, but also to BUFF_X/Y/Z registers
and VECM registers.
16.3 Typical application circuits
X7R or X5R ceramic capacitors are recommended for VDD supply decoupling. A 1 µF capacitor in parallel with
a 0.1 µF is recommended as a starting point per the NXP EMC test standard. These capacitors should be
placed as close to the VDD supply pin as practical. The values of the capacitors can be changed to suit the EMC
performance requirements of the application.
aaa-053940
R4
C2
1.0 µF
C1
0.1 µF
R1
R2
1
2
3
4
5
10
11
12
9
8
7
6
VDD
VDD
BT_MODE
GND
n.c.
n.c.
GND
INTF_SEL
INT1/MOT_DET
SPI_CS_B/WAKE_UP
INT2/EXT_TRIG/BOOT_OUT
INT1
WAKE_UP
INT2/EXT_TRIG
SA0/SPI_MISO
I2C_SA0
I2C_SDA
I2C_SCL
SDA/SPI_MOSI
SCL/SCLK
R3
Figure 22. Typical Application Circuit #1 – I2C mode
Notes:
FXLS8961AF
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.1 — 7 March 2024
80 / 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com