Electronic Components Datasheet Search
  English  ▼

X  

LBT09504 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT09504
Description  95MHz SAW Filter 4MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT09504 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT09504 Datasheet HTML 1Page - SIPAT Co,Ltd LBT09504 Datasheet HTML 2Page - SIPAT Co,Ltd LBT09504 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT09504
Rev. Date
2006-2-20
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
95MHz SAW Filter
4MHz Bandwidth
Part Number:LBT09504
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
94.9
95
95.1
Insertion Loss
dB
-
26.4
27
1 dB Bandwidth
MHz
-
4.22
-
3 dB Bandwidth
MHz
4.35
4.42
-
35 dB Bandwidth
MHz
-
5.15
5.2
40 dB Bandwidth
MHz
-
5.19
-
45 dB Bandwidth
MHz
-
5.23
5.6
50 dB Bandwidth
MHz
-
5.27
6.4
55 dB Bandwidth
MHz
-
5.3
14.4
Passband Variation
dB
-
0.8
1
Absolute Delay
usec
-
3.9
4
Ultimate Rejection(f0±15MHz)
dB
55
63
-
Material Temperature coefficient
KHz/°C
-1.71
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=47nH L2=56nH
C1=C2=82pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L2
L1
C1
C2


Similar Part No. - LBT09504

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT09504 SIPAT-LBT09504 Datasheet
145Kb / 3P
95MHz SAW Filter 4MHz Bandwidth
More results

Similar Description - LBT09504

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09505 SIPAT-LBN09505 Datasheet
137Kb / 3P
95MHz SAW Filter 24.1MHz Bandwidth
LBS09506 SIPAT-LBS09506 Datasheet
148Kb / 3P
95MHz SAW Filter 2.2MHz Bandwidth
LBS11510 SIPAT-LBS11510 Datasheet
138Kb / 3P
115MHz SAW Filter 4MHz Bandwidth
LBS12901 SIPAT-LBS12901 Datasheet
140Kb / 3P
128.9MHz SAW Filter 4MHz Bandwidth
LBT07067 SIPAT-LBT07067 Datasheet
144Kb / 3P
70MHz SAW Filter 4MHz Bandwidth
LBN09509 SIPAT-LBN09509 Datasheet
320Kb / 3P
95MHz SAW Filter 9.2MHz Bandwidth
LBN09505 SIPAT-LBN09505 Datasheet
142Kb / 3P
95MHz SAW Filter
LBS09506 SIPAT-LBS09506 Datasheet
153Kb / 3P
95MHz SAW Filter 2.2MHz Bandwidth
LBS09507 SIPAT-LBS09507 Datasheet
326Kb / 3P
95MHz IF SAW Filter 0.22MHz Bandwidth
LBT09504 SIPAT-LBT09504 Datasheet
145Kb / 3P
95MHz SAW Filter 4MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com